Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9313 Datasheet(PDF) 41 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 37Page - SMSC Corporation LAN9313 Datasheet HTML 38Page - SMSC Corporation LAN9313 Datasheet HTML 39Page - SMSC Corporation LAN9313 Datasheet HTML 40Page - SMSC Corporation LAN9313 Datasheet HTML 41Page - SMSC Corporation LAN9313 Datasheet HTML 42Page - SMSC Corporation LAN9313 Datasheet HTML 43Page - SMSC Corporation LAN9313 Datasheet HTML 44Page - SMSC Corporation LAN9313 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
41
Revision 1.2 (04-08-08)
DATASHEET
Chapter 4 Clocking, Resets, and Power Management
4.1
Clocks
The LAN9313/LAN9313i includes a clock module which provides generation of all system clocks as
required by the various sub-modules of the device. The LAN9313/LAN9313i requires a fixed-frequency
25MHz clock source for use by the internal clock oscillator and PLL. This is typically provided by
attaching a 25MHz crystal to the XI and XO pins as specified in Section 14.6, "Clock Circuit," on
page 394. Optionally, this clock can be provided by driving the XI input pin with a single-ended 25MHz
clock source. If a single-ended source is selected, the clock input must run continuously for normal
device operation. The internal PLL generates a fixed 200MHz base clock which is used to derive all
LAN9313/LAN9313i sub-system clocks.
In addition to the sub-system clocks, the clock module is also responsible for generating the clocks
used for the general purpose timer and free-running clock. Refer to Chapter 11, "General Purpose
Timer & Free-Running Clock," on page 141 for additional details.
Note: Crystal specifications are provided in Table 14.10, “LAN9313/LAN9313i Crystal Specifications,”
on page 394.
4.2
Resets
The LAN9313/LAN9313i provides multiple hardware and software reset sources, which allow varying
levels of the LAN9313/LAN9313i to be reset. All resets can be categorized into three reset types as
described in the following sections:
Chip-Level Resets
—Power-On Reset (POR)
—nRST Pin Reset
Multi-Module Resets
—Digital Reset (DIGITAL_RST)
Single-Module Resets
—Port 2 PHY Reset
—Port 1 PHY Reset
—Virtual PHY Reset
The LAN9313/LAN9313i supports the use of configuration straps to allow automatic custom
configurations of various LAN9313/LAN9313i parameters. These configuration strap values are set
upon de-assertion of all chip-level resets and can be used to easily set the default parameters of the
chip at power-on or pin (nRST) reset. Refer to Section 4.2.4, "Configuration Straps," on page 45 for
detailed information on the usage of these straps.
Note: The LAN9313/LAN9313i EEPROM Loader is run upon a power-on reset, nRST pin reset, and
digital reset. Refer to Section 8.2.4, "EEPROM Loader," on page 113 for additional information.
Table 4.1 summarizes the effect of the various reset sources on the LAN9313/LAN9313i. Refer to the
following sections for detailed information on each of these reset types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com