Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9313 Datasheet(PDF) 72 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 68Page - SMSC Corporation LAN9313 Datasheet HTML 69Page - SMSC Corporation LAN9313 Datasheet HTML 70Page - SMSC Corporation LAN9313 Datasheet HTML 71Page - SMSC Corporation LAN9313 Datasheet HTML 72Page - SMSC Corporation LAN9313 Datasheet HTML 73Page - SMSC Corporation LAN9313 Datasheet HTML 74Page - SMSC Corporation LAN9313 Datasheet HTML 75Page - SMSC Corporation LAN9313 Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
72
SMSC LAN9313/LAN9313i
DATASHEET
6.4.4
VLAN Support
The switch engine supports 16 active VLANs out of a possible 4096. The VLAN table contains the 16
active VLAN entries, each consisting of the VID, the port membership, and un-tagging instructions.
On ingress, if a packet has a VLAN tag containing a valid VID (not 000h or FFFh), the VID table is
searched. If the VID is found, the VLAN is considered active and the membership and un-tag
instruction is used. If the VID is not found, the VLAN is considered foreign and the membership result
is NULL. A NULL membership will result in the packet being filtered if Enable Membership Checking
is set. A NULL membership will also result in the packet being filtered if the destination address is not
found in the ALR table (since the packet would have no destinations).
On ingress, if a packet does not have a VLAN tag or if the VLAN tag contains VID with a value of 0
(priority tag), the packet is assigned a VLAN based on the Port Default VID (PVID) and Priority. The
PVID is then used to access the above VLAN table.
The VLAN membership of the packet is used for ingress and egress checking and for VLAN broadcast
domain containment. The un-tag instructions are used at egress on ports defined as hybrid ports.
Refer to Section 13.3.3.8, on page 321 through Section 13.3.3.11, on page 324 for detailed VLAN
register descriptions.
6.4.5
Spanning Tree Support
Hardware support for the Spanning Tree Protocol (STP) and the Rapid Spanning Tree Protocol (RSTP)
includes a per port state register as well as the override bit in the MAC Address Table entries (Section
6.4.1.5, on page 66) and the host CPU port special tagging (Section 6.4.10, on page 77).
The Switch Engine Port State Register (SWE_PORT_STATE) is used to place a port into one of the
modes as shown in Table 6.2. Normally only Port 1 and Port 2 are placed into modes other than
forwarding. Port 0 should normally be left in forwarding mode.
Figure 6.6 VLAN Table Entry Structure
Table 6.2 Spanning Tree States
Port State
Hardware Action
Software Action
01 - Blocking
(also used for
disabled)
Received packets on the port are
discarded.
Transmissions to the port are blocked.
Learning on the port is disabled.
The MAC Address Table should be programmed
with entries that the host CPU needs to receive
(e.g. the BPDU address). The static and override
bits should be set.
The host CPU should not send any packets to the
port in this state.
The host CPU should discard received packets
from this port when in the Disabled state.
Note:
There is no hardware distinction between
the Blocking and Disabled states.
17
16
15
14
13
12
VID
11
0
...
Un-tag
MII
Member
MII
Un-tag
Port 1
Member
Port 1
Un-tag
Port 2
Member
Port 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com