Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7261 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 59Page - STMicroelectronics ST7261 Datasheet HTML 60Page - STMicroelectronics ST7261 Datasheet HTML 61Page - STMicroelectronics ST7261 Datasheet HTML 62Page - STMicroelectronics ST7261 Datasheet HTML 63Page - STMicroelectronics ST7261 Datasheet HTML 64Page - STMicroelectronics ST7261 Datasheet HTML 65Page - STMicroelectronics ST7261 Datasheet HTML 66Page - STMicroelectronics ST7261 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
ST7261
63/80
I/O PORT PIN CHARACTERISTICS (Cont’d)
11.8.2 Output Driving Current
Subject to general operating condition for VDD, fCPU, and TA unless otherwise specified.
Figure 44. Typ. VOL at VDD=5V (std. port)
Figure 45. Typ. VOL at VDD=5V (high-sink)
Figure 46. Typ. VDD-VOH at VDD=5V (std. port)
Figure 47. Typ. VDD-VOH at VDD=5V (high-sink)
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 11.2 and the sum of IIO (I/
O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 11.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for a standard I/O pin
when up to 8 pins are sunk at same time
(see Figure 44)
IIO=+5mA
1.3
V
IIO=+2mA
0.4
Output low level voltage for a high sink I/O pin
when up to4 pins are sunk at same time
(see Figure 45)
IIO=+20mA
1.3
IIO=+8mA
0.4
VOH
2)
Output high level voltage for an I/O pin
when up to 8 pins are sourced at same time
(see Figure 46)
IIO=-5mA
VDD-2.0
IIO=-2mA
VDD-0.8
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
024
68
10
lio(mA)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
0
5
10
15
lio (mA)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-8
-7
-6
-5
-4
-3
-2
-1
0
lio (mA)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-8
-7
-6
-5
-4
-3
-2
-1
0
lio (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com