Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7261 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 29Page - STMicroelectronics ST7261 Datasheet HTML 30Page - STMicroelectronics ST7261 Datasheet HTML 31Page - STMicroelectronics ST7261 Datasheet HTML 32Page - STMicroelectronics ST7261 Datasheet HTML 33Page - STMicroelectronics ST7261 Datasheet HTML 34Page - STMicroelectronics ST7261 Datasheet HTML 35Page - STMicroelectronics ST7261 Datasheet HTML 36Page - STMicroelectronics ST7261 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
ST7261
33/80
9.2 TIMEBASE UNIT (TBU)
9.2.1 Introduction
The Timebase unit (TBU) can be used to generate
periodic interrupts.
9.2.2 Main Features
s
8-bit upcounter
s
Programmable prescaler
s
Period between interrupts: max. 8.1ms (at 8
MHz fCPU)
s
Maskable interrupt
9.2.3 Functional Description
The TBU operates as a free-running upcounter.
When the TCEN bit in the TBUCSR register is set
by software, counting starts at the current value of
the TBUCV register. The TBUCV register is incre-
mented at the clock rate output from the prescaler
selected by programming the PR[2:0] bits in the
TBUCSR register.
When the counter rolls over from FFh to 00h, the
OVF bit is set and an interrupt request is generat-
ed if ITE is set.
The user can write a value at any time in the
TBUCV register.
9.2.4 Programming Example
In this example, timer is required to generate an in-
terrupt after a delay of 1 ms.
Assuming that fCPU is 8 MHz and a prescaler divi-
sion factor of 256 will be programmed using the
PR[2:0] bits in the TBUCSR register, 1 ms = 32
TBU timer ticks.
In this case, the initial value to be loaded in the
TBUCV must be (256-32) = 224 (E0h).
ld A, E0h
ld TBUCV, A
; Initialize counter value
ld A 1Fh
;
ld TBUCSR, A
; Prescaler factor = 256,
; interrupt enable,
; TBU enable
Figure 25. TBU Block Diagram
TBU 8-BIT UPCOUNTER (TBUCV REGISTER)
INTERRUPT REQUEST
TBU PRESCALER
fCPU
TBUCSR REGISTER
PR1 PR0
PR2
TCEN
ITE
OVF
MSB
LSB
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com