Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7261 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 51Page - STMicroelectronics ST7261 Datasheet HTML 52Page - STMicroelectronics ST7261 Datasheet HTML 53Page - STMicroelectronics ST7261 Datasheet HTML 54Page - STMicroelectronics ST7261 Datasheet HTML 55Page - STMicroelectronics ST7261 Datasheet HTML 56Page - STMicroelectronics ST7261 Datasheet HTML 57Page - STMicroelectronics ST7261 Datasheet HTML 58Page - STMicroelectronics ST7261 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
ST7261
55/80
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
11.5.3 External Clock Source
Note 1: Data based on design simulation and/or technology characteristics, not tested in production
Figure 33. Typical Application with an External Clock Source
Figure 34. Typical Application with a Crystal Resonator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSCINH
OSCIN input pin high level voltage
see Figure 33
0.7xVDD
VDD
V
VOSCINL
OSCIN input pin low level voltage
VSS
0.3xVDD
tw(OSCINH)
tw(OSCINL)
OSCIN high or low time 1)
15
ns
tr(OSCIN)
tf(OSCIN)
OSCIN rise or fall time1)
15
IL
OSCx Input leakage current
VSS≤VIN≤VDD
±1
µA
OSCIN
OSCOUT
fOSC
EXTERNAL
ST72XXX
CLOCK SOURCE
Not connected internally
VOSCINL
VOSCINH
tr(OSCIN)
tf(OSCIN)
tw(OSCINH)
tw(OSCINL)
IL
90%
10%
OSCOUT
OSCIN
fOSC
CL1
CL2
i2
RF
ST72XXX
RESONATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com