Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7261 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 2Page - STMicroelectronics ST7261 Datasheet HTML 3Page - STMicroelectronics ST7261 Datasheet HTML 4Page - STMicroelectronics ST7261 Datasheet HTML 5Page - STMicroelectronics ST7261 Datasheet HTML 6Page - STMicroelectronics ST7261 Datasheet HTML 7Page - STMicroelectronics ST7261 Datasheet HTML 8Page - STMicroelectronics ST7261 Datasheet HTML 9Page - STMicroelectronics ST7261 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
ST7261
6/80
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
Input level:
C = CMOS 0.3VDD/0.7VDD,
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = high sink (on N-buffer only)
Port configuration capabilities:
– Input:
float = floating, wpu = weak pull-up, int = interrupt (\ =falling edge, / =rising edge),
ana = analog
– Output: OD = open drain, PP = push-pull
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
914 VPP
Sx
FLASH programming voltage (12V), must be
tied low in user mode.
11 16 OSCIN
These pins are used connect an external
clock source to the on-chip main oscillator.
12 17 OSCOUT
49
VSS
S
Digital Ground Voltage
813 VDD
S
Digital Main Power Supply Voltage
13 18 PB7/IT8
I/O CT HS
x
\
x
Port B7
Interrupt 8 input
14 19 PB6/IT7
I/O CT HS
x
\
x
Port B6
Interrupt 7 input
15 20 PB5/IT6
I/O CT HS
x
/
x
Port B5
Interrupt 6 input
16
1
PB4/IT5
I/O CT HS x
/
x
Port B4
Interrupt 5 input
17
2
PB3
I/O CT HS
x
x
Port B3
18
3
PB2
I/O CT HS
x
x
Port B2
19
4
PB1
I/O CT HS
x
x
Port B1
20
5
PB0/MCO
I/O CT HS
x
x
Port B0
CPU clock output
1
6
PA2/IT3
I/O CT
x\
x
Port A2
Interrupt 3 input
2
7
PA1/IT2
I/O CT
X\
x
Port A1
Interrupt 2 input
3
8
PA0/IT1/USBOE
I/O CT
X\
x
Port A0
Interrupt 1 input/USB Output
Enable
10 15 RESET
I/O
C
Top priority non maskable interrupt (active
low)
5
10 USBDM
I/O
USB bidirectional data (data -)
6
11 USBDP
I/O
USB bidirectional data (data +)
7
12 USBVCC
S
USB power supply 3.3V output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com