Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7261 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 50Page - STMicroelectronics ST7261 Datasheet HTML 51Page - STMicroelectronics ST7261 Datasheet HTML 52Page - STMicroelectronics ST7261 Datasheet HTML 53Page - STMicroelectronics ST7261 Datasheet HTML 54Page - STMicroelectronics ST7261 Datasheet HTML 55Page - STMicroelectronics ST7261 Datasheet HTML 56Page - STMicroelectronics ST7261 Datasheet HTML 57Page - STMicroelectronics ST7261 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
ST7261
54/80
11.5 CLOCK AND TIMING CHARACTERISTICS
Subject to general operating conditions for VDD, fCPU, and TA.
11.5.1 General Timings
1. Data based on typical application software.
2. Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles needed to finish
the current instruction execution.
11.5.2 CONTROL TIMING CHARACTERISTICS
Note 1:
Not tested in production, guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
tc(INST)
Instruction cycle time
fCPU=8MHz
2
3
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time 2)
tv(IT) = ∆tc(INST) + 10 tCPU
fCPU=8MHz
10
22
tCPU
1.25
2.75
µs
CONTROL TIMINGS
Symbol
Parameter
Conditions
Value
Unit
Min 1)
Typ. 1)
Max 1)
fOSC
Oscillator Frequency
12
MHz
fCPU
Operating Frequency
8
MHz
tRL
External RESET
Input pulse Width
1.5
tCPU
tPORL
Internal Power Reset Duration
514
tCPU
TRSTL
Reset Pin Output Pulse Width
10
µs
tWDG
Watchdog Time-out
fcpu = 8MHz
65536
8.192
4194304
524.288
tCPU
ms
tOXOV
Crystal Oscillator
Start-up Time
20
30
40
ms
tDDR
Power up rise time
from VDD = 0 to 4V
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com