Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7261 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7261 Datasheet HTML 1Page - STMicroelectronics ST7261 Datasheet HTML 2Page - STMicroelectronics ST7261 Datasheet HTML 3Page - STMicroelectronics ST7261 Datasheet HTML 4Page - STMicroelectronics ST7261 Datasheet HTML 5Page - STMicroelectronics ST7261 Datasheet HTML 6Page - STMicroelectronics ST7261 Datasheet HTML 7Page - STMicroelectronics ST7261 Datasheet HTML 8Page - STMicroelectronics ST7261 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
June 2003
1/80
Rev. 2.1
ST7261
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS,
ROM MEMORY, LVD, WDG, TIMER
s
Memories
– 4K Program memory (ROM) with read-write
protection.
In-Circuit programming for Flash versions
– 256 bytes RAM memory (128-byte stack)
s
Clock, Reset and Supply Management
– Enhanced Reset System (Power On Reset)
– Low Voltage Detector (LVD)
– Clock-out capability
– 6 or 12 MHz Oscillator (8, 4, 2, 1 MHz internal
freq.)
– 3 Power saving modes: Halt, Wait and Slow
s
USB (Universal Serial Bus) Interface
– DMA for low speed applications compliant
with USB 1.5 Mbs specification (v 1.1) and
USB HID specification (v 1.0):
– Integrated 3.3V voltage regulator and trans-
ceivers
– Suspend and Resume operations
– 3 Endpoints
s
11 I/O Ports
– 11 multifunctional bidirectional I/O lines
– Up to 7 External interrupts (2 vectors)
– 8 high sink outputs (8mA@0.4 V/20mA@1.3)
s
2 Timers
– Configurable watchdog timer (8 to 500ms
timeout)
– 8-bit Time Base Unit (TBU) for generating pe-
riodic interrupts
s
Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
s
Nested interrupts
s
Development Tools
– Full hardware/software development package
Device Summary
SO20
PDIP20
Features
ST72611F1
Program memory - bytes
4K ROM
RAM (stack) - bytes
256 (128)
Peripherals
USB, Watchdog, Low Voltage Detector, Time Base Unit
I/Os
11
Operating Supply
4.0V to 5.5V
CPU Frequency
Up to 8 MHz (with 6 or 12 MHz oscillator)
Operating Temperature
0°C to +70°C
Packages
PDIP20/SO20
1


Similar Part No. - ST7261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260E1M1/XXX STMICROELECTRONICS-ST7260E1M1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260E2M1/XXX STMICROELECTRONICS-ST7260E2M1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260K1U1/XXX STMICROELECTRONICS-ST7260K1U1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260K2U1/XXX STMICROELECTRONICS-ST7260K2U1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
More results

Similar Description - ST7261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST92163 STMICROELECTRONICS-ST92163 Datasheet
1Mb / 224P
8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
Rev. 1.9
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7262 STMICROELECTRONICS-ST7262_06 Datasheet
1Mb / 139P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
20-Mar-2006
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
January 14, 2011
logo
STMicroelectronics
ST7262XXX STMICROELECTRONICS-ST7262XXX Datasheet
1Mb / 139P
Low speed USB 8-bit MCU with 3 endpoints
11-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com