Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7261 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 4Page - STMicroelectronics ST7261 Datasheet HTML 5Page - STMicroelectronics ST7261 Datasheet HTML 6Page - STMicroelectronics ST7261 Datasheet HTML 7Page - STMicroelectronics ST7261 Datasheet HTML 8Page - STMicroelectronics ST7261 Datasheet HTML 9Page - STMicroelectronics ST7261 Datasheet HTML 10Page - STMicroelectronics ST7261 Datasheet HTML 11Page - STMicroelectronics ST7261 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
ST7261
8/80
3 REGISTER & MEMORY MAP
As shown in the Figure 5, the MCU is capable of
addressing 64K bytes of memories and I/O regis-
ters.
The available memory locations consist of 64
bytes of register locations, 256 bytes of RAM and
4 Kbytes of user program memory. The RAM
space includes up to 128 bytes for the stack from
0100h to 017Fh.
The highest address bytes contain the user reset
and interrupt vectors.
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
seved area can have unpredictable effects on the
device.
Figure 5. Memory Map
0000h
Program Memory
Interrupt & Reset Vectors
HW Registers
0040h
003Fh
(see Table 2)
FFDFh
FFE0h
FFFFh
See Table 5 on page 21
0180h
Reserved
017Fh
Short Addressing RAM
Zero page
017Fh
0080h
00FFh
(4 KBytes)
F000h
(128 Bytes)
256 Bytes RAM
Stack or
(128 Bytes)
EFFFh
16-bit Addressing RAM
Reserved
0080h
007Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com