Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7261 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 68Page - STMicroelectronics ST7261 Datasheet HTML 69Page - STMicroelectronics ST7261 Datasheet HTML 70Page - STMicroelectronics ST7261 Datasheet HTML 71Page - STMicroelectronics ST7261 Datasheet HTML 72Page - STMicroelectronics ST7261 Datasheet HTML 73Page - STMicroelectronics ST7261 Datasheet HTML 74Page - STMicroelectronics ST7261 Datasheet HTML 75Page - STMicroelectronics ST7261 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
ST7261
72/80
ST7261 MICROCONTROLLER OPTION LIST
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No: . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . .
*The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ "
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
Maximum character count:
S020 (8 char. max) : _ _ _ _ _ _ _ _
DIP20 (10 char. max) : _ _ _ _ _ _ _ _ _ _
Watchdog Selection:
[ ] Software activation
[ ] Hardware activation
LVD Reset:
[ ] Disabled
[ ] Enabled
Oscillator Selection:
[ ] 6 MHz.
[ ] 12 MHz.
Readout protection:
[ ] Enabled
[ ] Disabled
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
-----------------------------
ROM DEVICE:
-----------------------------
|
|
-------------------------------------
4K
-------------------------------------
SDIP20:
|
[ ] ST72611F1B1
SO20:
|
[ ] ST72611F1M1
-----------------------------
DIE FORM:
-----------------------------
|
|
-------------------------------------
4K
-------------------------------------
20-pin:
|
[ ]
-------------------------------------------------------
Packaged Product:
-------------------------------------------------------
|
|
------------------------------------------------------------
Die Product (dice tested at 25°C only)
------------------------------------------------------------
[ ] Tape & Reel (SO package only) |
[ ] Tape & Reel
[ ] Tube
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com