Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7261 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 17Page - STMicroelectronics ST7261 Datasheet HTML 18Page - STMicroelectronics ST7261 Datasheet HTML 19Page - STMicroelectronics ST7261 Datasheet HTML 20Page - STMicroelectronics ST7261 Datasheet HTML 21Page - STMicroelectronics ST7261 Datasheet HTML 22Page - STMicroelectronics ST7261 Datasheet HTML 23Page - STMicroelectronics ST7261 Datasheet HTML 24Page - STMicroelectronics ST7261 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
ST7261
21/80
INTERRUPTS (Cont’d)
Table 5. Interrupt Mapping
Table 6. Nested Interrupts Register Map and Reset Values
Source
Block
Description
Register
Label
Exit
from
HALT
Address
Vector
Priority
Order
Reset Vector
Yes
FFFEh-FFFFh
Highest
Priority
Lowest
Priority
TRAP software interrupt vector
No
FFFCh-FFFDh
0
NOT USED
FFFAh-FFFBh
1
USB
USB End Suspend interrupt vector
USBISTR
Yes
FFF8h-FFF9h
2
I/O Ports
Port A external interrupts IT[3:1]
ITRFRE1
Yes
FFF6h-FFF7h
3
Port B external interrupts IT[8:5]
Yes
FFF4h-FFF5h
4
NOT USED
FFF2h-FFF3h
5
TBU
Timebase Unit interrupt vector
TBUCSR
No
FFF0h-FFF1h
6
NOT USED
FFEEh-FFEFh
7
NOT USED
FFECh-FFEDh
8
NOT USED
FFEAh-FFEBh
9
USB
USB interrupt vector
USBISTR
No
FFE8h-FFE9h
10
NOT USED
FFE6h-FFE7h
Address
(Hex.)
Register
Label
7654
3210
0032h
ISPR0
Reset Value
Ext. Interrupt Port B
Ext. Interrupt Port A
USB END SUSP
Not Used
I1_3
1
I0_3
1
I1_2
1
I0_2
1
I1_1
1
I0_1
111
0033h
ISPR1
Reset Value
SPI
ART
TBU
Ext. Interrupt Port C
I1_7
1
I0_7
1
I1_6
1
I0_6
1
I1_5
1
I0_5
1
I1_4
1
I0_4
1
0034h
ISPR2
Reset Value
Not Used
ADC
USB
SCI
I1_11
1
I0_11
1
I1_10
1
I0_10
1
I1_9
1
I0_9
1
I1_8
1
I0_8
1
0035h
ISPR3
Reset Value
1111
Not Used
Not Used
I1_13
1
I0_13
1
I1_12
1
I0_12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com