Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 132Page - STMicroelectronics ST72652L4M1 Datasheet HTML 133Page - STMicroelectronics ST72652L4M1 Datasheet HTML 134Page - STMicroelectronics ST72652L4M1 Datasheet HTML 135Page - STMicroelectronics ST72652L4M1 Datasheet HTML 136Page - STMicroelectronics ST72652L4M1 Datasheet HTML 137Page - STMicroelectronics ST72652L4M1 Datasheet HTML 138Page - STMicroelectronics ST72652L4M1 Datasheet HTML 139Page - STMicroelectronics ST72652L4M1 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 166 page
background image
ST7265x
136/166
13.6 MEMORY CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
13.6.1 RAM and Hardware Registers
13.6.2 FLASH Memory
Operating Conditions: fCPU = 8 MHz.
Note 1: Guaranteed by Design.
Figure 78. Two typical Applications with VPP Pin
1)
Note 1: When the ICP mode is not required by the application, VPP pin must be tied to VSS.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
HALT mode (or RESET)
2
V
DUAL VOLTAGE FLASH MEMORY
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCPU
Operating Frequency
Read mode
8
MHz
Write / Erase mode,
TA=25°C
8
VPP
Programming Voltage
4.0V <= VDD <= 5.5V
11.4
12.6
V
IPP
VPP Current
Write / Erase
30 1)
mA
tPROG
Byte Programming Time
TA=25°C
100
500 1)
µs
tERASE
Sector Erasing Time
2
10 1)
sec
Device Erasing Time
5
10 1)
tVPP
Internal VPP Stabilization Time
10
µs
tRET
Data Retention
TA ≤ 55°C
20
years
NRW
Write Erase Cycles
TA=25°C
100
cycles
VPP
ST72XXX
10k
Ω
PROGRAMMING
TOOL
VPP
ST72XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com