Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 134Page - STMicroelectronics ST72652L4M1 Datasheet HTML 135Page - STMicroelectronics ST72652L4M1 Datasheet HTML 136Page - STMicroelectronics ST72652L4M1 Datasheet HTML 137Page - STMicroelectronics ST72652L4M1 Datasheet HTML 138Page - STMicroelectronics ST72652L4M1 Datasheet HTML 139Page - STMicroelectronics ST72652L4M1 Datasheet HTML 140Page - STMicroelectronics ST72652L4M1 Datasheet HTML 141Page - STMicroelectronics ST72652L4M1 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 166 page
background image
ST7265x
138/166
EMC CHARACTERISTICS (Cont’d)
13.7.2 Electro Magnetic Interference (EMI)
Based on a simple application running on the product (toggling 2 LEDs through the I/O ports), the product
is monitored in terms of emission. This emission test is in line with the norm SAE J 1752/3 which specifies
the board and the loading of each pin.
Note 1. Data based on characterization results, not tested in production.
13.7.3 Absolute Electrical Sensitivity
Based on three different tests (ESD, LU and DLU)
using specific measurement methods, the product
is stressed in order to determine its performance in
terms of electrical sensitivity. For more details, re-
fer to the AN1181 ST7 application note.
13.7.3.1 Electro-Static Discharge (ESD)
Electro-Static Discharges (3 positive then 3 nega-
tive pulses separated by 1 second) are applied to
the pins of each sample according to each pin
combination. The sample size depends on the
number of supply pins of the device (3 parts*(n+1)
supply pin). One model is simulated: Human Body
Model. This test conforms to the JESD22-A114A
standard. See Figure 80 and the following test se-
quence.
Human Body Model Test Sequence
– CL is loaded through S1 by the HV pulse gener-
ator.
– S1 switches position from generator to R.
– A discharge from CL through R (body resistance)
to the ST7 occurs.
– S2 must be closed 10 to 100ms after the pulse
delivery period to ensure the ST7 is not left in
charge state. S2 must be opened at least 10ms
prior to the delivery of the next pulse.
Absolute Maximum Ratings
Figure 80. Typical equivalent ESD Circuit
Note 1: Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Monitored
Frequency Band
Max vs. [fOSC/fCPU]
Unit
3MHz
6MHz
SEMI
Peak level
VDD=5V, TA=+25°C,
TQFP64 package
conforming to SAE J 1752/3
0.1MHz to 30MHz
21
28
dB
µV
30MHz to 130MHz
16
30
130MHz to 1GHz
8
31
SAE EMI Level
2
4
-
Symbol
Ratings
Conditions
Maximum value 1)
Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25°C
1500
V
ST7
S2
R=1500
Ω
S1
HIGH VOLTAGE
CL=100pF
PULSE
GENERATOR
HUMAN BODY MODEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com