Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C511 Datasheet(PDF) 34 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 34 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 30Page - Siemens Semiconductor Group C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group C511 Datasheet HTML 34Page - Siemens Semiconductor Group C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group C511 Datasheet HTML 37Page - Siemens Semiconductor Group C511 Datasheet HTML 38Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-1
6
On-Chip Peripheral Components
6.1
Parallel I/O
The SAB-C511/513 has four 8-bit I/O ports. Port 0 is an open-drain bidirectional I/O port, while
ports 1 to 3 are quasi-bidirectional I/O ports with internal pullup resistors. That means, when
configured as inputs, ports 1 to 3 will be pulled high and will source current when externally pulled
low. Port 0 will float when configured as input.
The output drivers of port 0 and 2 and the input buffers of port 0 are also used for accessing external
memory. In this application, port 0 outputs the low byte of the external memory address, time
multiplexed with the byte being written or read. Port 2 outputs the high byte of the external memory
address when the address is 16 bits wide. Otherwise, the port 2 pins continue emitting the P2 SFR
contents. In this function, port 0 is not an open-drain port, but uses a strong internal pullup FET.
Port 1 pins used for SSC outputs are true push-pull outputs. When used as SSC inputs they float
(no pull-up).
6.1.1 Port Structures
Each port bit consists of a latch, an output driver(s) and an input buffer. Read and write accesses
to the I/O ports P0, P1, P2 and P3 are performed via the corresponding special function registers.
Figure 6-13 shows a functional diagram of a typical bit latch and I/O buffer, which is the core of each
of the four I/O-ports. The bit latch (one bit in the port’s SFR) is represented as a type-D flip-flop,
which will clock in a value from the internal bus in response to a "write-to-latch" signal from the CPU.
Both the output of the latch as well as the actual state of the port pins can be read, depending on
the instruction used for accessing the port.
Figure 6-13
Basic Structure of a Port Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com