Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C511 Datasheet(PDF) 83 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 83 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 79Page - Siemens Semiconductor Group C511 Datasheet HTML 80Page - Siemens Semiconductor Group C511 Datasheet HTML 81Page - Siemens Semiconductor Group C511 Datasheet HTML 82Page - Siemens Semiconductor Group C511 Datasheet HTML 83Page - Siemens Semiconductor Group C511 Datasheet HTML 84Page - Siemens Semiconductor Group C511 Datasheet HTML 85Page - Siemens Semiconductor Group C511 Datasheet HTML 86Page - Siemens Semiconductor Group C511 Datasheet HTML 87Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
Semiconductor Group
6-50
On-Chip Peripheral Units
Note: SSCCON must be programmed only when the SSC is idle. Modifying the contents of
SSCCON while a transmission is in progress will corrupt the current transfer and will lead to
unpredictable results.
CPHA
Clock Phase
This bit controls in conjunction with the CPOL bit controls which clock edges are
used for sample and shift
CPHA=0 : The first clock edge of SCLK is used to sample the data, the second
to shift the next bit out at STO.
In master mode the transmitter will provide the first data bit on STO
immediately after the data was written into the STB register.
In slave mode the transmitter (if enabled via TEN) will shift out the
first data bit with the falling edge of SLS .
CPHA=1 : The first data bit is shifted out with the first clock edge of SCLK and
sampled with the second clock edge
BRS2,
BRS1, BRS0
Baudrate Selection Bits
These bits select one of the possible divide factors for generating the baudrate out
of the micrcontroller clock rate fosc . The baudrate is defined by .
for BRS (2-0)
≠ 0
Bit
Function
Baudrate
fosc
Dividefactor
--------------------------------
fosc
42
•
BRS 2
0
–
()
------------------------------------
==
BRS(2-0)
Divide
Factor
Example:
Baudrate for fosc
= 7.68 MHz
0
reserved
reserved
1
8
960 kBaud
2
16
480 kBaud
3
32
240 kBaud
4
64
120 kBaud
5
128
60 kBaud
6
256
30 kBaud
7
512
15 kBaud



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com