Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C511 Datasheet(PDF) 86 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 86 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 82Page - Siemens Semiconductor Group C511 Datasheet HTML 83Page - Siemens Semiconductor Group C511 Datasheet HTML 84Page - Siemens Semiconductor Group C511 Datasheet HTML 85Page - Siemens Semiconductor Group C511 Datasheet HTML 86Page - Siemens Semiconductor Group C511 Datasheet HTML 87Page - Siemens Semiconductor Group C511 Datasheet HTML 88Page - Siemens Semiconductor Group C511 Datasheet HTML 89Page - Siemens Semiconductor Group C511 Datasheet HTML 90Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-53
6.4.8.4
Data Registers STB and SRB
The register STB holds the data to be transmitted while SRB contains the data which was received
during the last transfer. A write to the STB places the data directly into the shift register for
transmission. Only in master mode this also will initiate the transmission/reception process. When
a write collision occurs STB will hold the value written erroneously. This value can be read by
reading from STB.
A read from the receive buffer register SRB will transfer the data of the last transfer completed. This
register must be read before the next transmission completes or the data will be lost. There is no
indication for this overrun condition.
After reset the contents of the shift register and the receive buffer register are undefined.
6.4.8.5
Mode Test Register SSCMOD
The register SSCMOD is used to enable test modes during factory test. It must not be written or
modified during normal operation of the SAB-C511/513.
Special Function Registers SSCMOD (Address EBH)
Reset Value : 00H
Bit
Function
7-0
All bits of this register are set to 0 after reset and must not be
modified !
0
000
EBH
SSCMOD
Bit No.
7
65
43
21
0
MSB
LSB
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com