Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C511 Datasheet(PDF) 97 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 97 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 93Page - Siemens Semiconductor Group C511 Datasheet HTML 94Page - Siemens Semiconductor Group C511 Datasheet HTML 95Page - Siemens Semiconductor Group C511 Datasheet HTML 96Page - Siemens Semiconductor Group C511 Datasheet HTML 97Page - Siemens Semiconductor Group C511 Datasheet HTML 98Page - Siemens Semiconductor Group C511 Datasheet HTML 99Page - Siemens Semiconductor Group C511 Datasheet HTML 100Page - Siemens Semiconductor Group C511 Datasheet HTML 101Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
Semiconductor Group
8-1
Power Saving Mode
8
Power Saving Modes
The C511/513 microcontroller provide two power saving modes:
–
Idle mode
–
Power-down mode.
In the idle mode only the CPU will be deactivated, whereas in the power-down mode all operations
will be stopped.
The bits PDE and IDLE, located in SFR PCON, select the power-down mode or the idle mode,
respectively.
If the power-down mode and the idle mode are set at the same time, power-down takes
precedence.
Furthermore, register PCON contains two general purpose flags. For example, the flag bits GF0
and GF1 can be used to give an indication if an interrupt occurred during normal operation or during
the idle mode. An instruction that activates the idle mode also can set one or both flag bits. When
idle is terminated by an interrupt, the interrupt service routine can examine the flag bits.
Special Function Register (Address 87H)
Reset Value : 0XXX0000B
Symbol
Position
Function
SMOD
PCON.7
Baud rate doubled
When set, the baud rate of the serial channel in mode 1,2,3 is
doubled.
–
PCON.6-4
Not implemented. Reserved for future use.
GF1
PCON.3
General purpose flag
GF0
PCON.2
General purpose flag
PDE
PCON.1
Power-down enable bit
When set, power-down mode is entered.
IDLE
PCON.0
Idle mode enable bit
When set, idle mode is entered.
SMOD
–––
87H
PCON
Bit No.
7
65
43
21
0
MSB
LSB
GF1
GF0
PDE
IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com