Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C511 Datasheet(PDF) 36 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 36 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group C511 Datasheet HTML 34Page - Siemens Semiconductor Group C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group C511 Datasheet HTML 37Page - Siemens Semiconductor Group C511 Datasheet HTML 38Page - Siemens Semiconductor Group C511 Datasheet HTML 39Page - Siemens Semiconductor Group C511 Datasheet HTML 40Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-3
In fact, the pullups mentioned before and included in figure 6-2 are pullup arrangements shown in
figure 6-6-15a. One n-channel pulldown FET and three pullup FETs are used:
Figure 6-15a
Output Driver Circuit of Ports 1, 2 and 3 (except P1.2, P1.3, P1.4 and P1.5)
–The pulldown FET n1 is of n-channel type. It is a very strong driver transistor which is capable
of sinking high currents (
I
OL); it is only activated if a "0" is programmed to the port pin. A short
circuit to
V
CC must be avoided if the transistor is turned on, since the high current might destroy
the FET. This also means that no ”0“ must be programmed into the latch of a pin that is used
as input.
–The pullup FET p1 is of p-channel type. It is activated for two oscillator periods (S1P1 and
S1P2) if a 0-to-1 transition is programmed to the port pin, i.e. a "1" is programmed to the port
latch which contained a "0". The extra pullup can drive a similar current as the pulldown FET
n1. This provides a fast transition of the logic levels at the pin.
–The pullup FET p2 is of p-channel type. It is always activated when a "1" is in the port latch,
thus providing the logic high output level. This pullup FET sources a much lower current than
p1; therefore the pin may also be tied to ground, e.g. when used as input with logic low input
level.
– The pullup FET p3 is of p-channel type. It is only activated if the voltage at the port pin is
higher than approximately 1.0 to 1.5 V. This provides an additional pullup current if a logic
high level shall be output at the pin (and the voltage is not forced lower than approximately
1.0 to 1.5 V). However, this transistor is turned off if the pin is driven to a logic low level, e.g
when used as input. In this configuration only the weak pullup FET p2 is active, which sources
the current
I
IL . If, in addition, the pullup FET p3 is activated, a higher current can be sourced
(
I
TL). Thus, an additional power consumption can be avoided if port pins are used as inputs
with a low level applied. However, the driving capability is stronger if a logic high level is
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com