Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C511 Datasheet(PDF) 80 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 80 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 76Page - Siemens Semiconductor Group C511 Datasheet HTML 77Page - Siemens Semiconductor Group C511 Datasheet HTML 78Page - Siemens Semiconductor Group C511 Datasheet HTML 79Page - Siemens Semiconductor Group C511 Datasheet HTML 80Page - Siemens Semiconductor Group C511 Datasheet HTML 81Page - Siemens Semiconductor Group C511 Datasheet HTML 82Page - Siemens Semiconductor Group C511 Datasheet HTML 83Page - Siemens Semiconductor Group C511 Datasheet HTML 84Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-47
6.4.7 Data/Clock Timing Relationships
The SSC provides four different clocking schemes for clocking the data in and out of the shift
register. Controlled by two bits in SSCCON, the clock polarity (idle state of the clock, control register
bit CPOL) and the clock/data relationship (phase control, control register bit CPHA), i.e. which clock
edges will be used for sample and shift. The following figures show the various possibilities.
6.4.7.1
Master Mode Operation
Figure 6-6-32 shows the clock/data/control relationship of the SSC in master mode. When CPHA
is set to 1, the MSB of the data that was written into the shift register will be provided on the
transmitter output after the first clock edge, the receiver input will sample with the next clock edge.
The direction (rising or falling) of the respective clock edge is depending on the clock polarity
selected. After the last bit has been shifted out, the data output STO will go to the high output level
(logic 1) and remain there until the next transmission is started. However, when enabling the SSC
after reset, the logic level of STO will be undefined, until the first transmission starts.
When CPHA is 0, the MSB will output immediately after the data was written into the shift register.
The first clock edge of SCLK will be used for sampling the input data, the next to shift out the next
bit. Between transmissons the data output STO will be "1".
Figure 6-32
Master Mode Operation of SSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com