Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C511 Datasheet(PDF) 28 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 28 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 24Page - Siemens Semiconductor Group C511 Datasheet HTML 25Page - Siemens Semiconductor Group C511 Datasheet HTML 26Page - Siemens Semiconductor Group C511 Datasheet HTML 27Page - Siemens Semiconductor Group C511 Datasheet HTML 28Page - Siemens Semiconductor Group C511 Datasheet HTML 29Page - Siemens Semiconductor Group C511 Datasheet HTML 30Page - Siemens Semiconductor Group C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
External Bus Interface
Semiconductor Group
4-1
4
External Bus Interface
The SAB-C511/513 microcontrollers allow external memory expansion. The functionality and
implementation of the external bus interface is identical to the common interface for the 8051
architecture with one exception : if the SAB-C511/513 is used in systems with no external memory
the generation of the ALE signal can be suppressed. Resetting bit EALE in SFR SYSCON register,
the ALE signal will be gated and no more generated externally. This feature reduces RFI emmisions
of the system.
4.1
Accessing External Memory
It is possible to distinguish between accesses to external program memory and external data
memory or other peripheral components respectively. This distinction is made by hardware.
Accesses to external program memory use the signal PSEN (program store enable) as a read
strobe. Accesses to external data memory use RD and WR (alternate functions of P3.7 and P3.6)
to strobe the memory. Port 0 and port 2 (with exceptions) are used to provide data and address
signals. In this section only the port 0 and port 2 functions relevant to external memory accesses are
described.
Fetches from external program memory always use a 16-bit address. Accesses to external data
memory can use either a 16-bit address (MOVX @DPTR) or an 8-bit address (MOVX @Ri).
4.1.1 Role of P0 and P2 as Data/Address Bus
When used for accessing external memory, port 0 provides the data byte time-multiplexed with the
low byte of the address. In this state, port 0 is disconnected from its own port latch and the address/
data signal drives both FETs in the port 0 output buffers. Thus, in this application the port 0 pins are
not open-drain outputs and do not require external pullup resistors.
During any access to external memory, the CPU writes FFH to the port 0 latch (the special function
register), thus obliterating whatever information the port 0 SFR may have been holding.
Whenever a 16-bit address is used (MOVX @DPTR), the high byte of the address comes out on
port 2, where it is held for the duration of the read or write cycle. During this time, the port 2 lines are
disconnected from the port 2 latch (the special function register). Thus the port 2 latch does not have
to contain 1s, and the contents of the port 2 SFR are not modified. If the XRAM is enabled (only
SAB-C513A/A-H) at 16-bit address accesses with an address value within the XRAM address
space, no external bus cycle will be seen, but the internal XRAM will be accessed.
If an 8-bit address is used (MOVX @Ri), the contents of the port 2 SFR remain at the port 2 pins
throughout the external memory cycle. This will facilitate paging. It should be noted that, if a port 2
pin outputs an address bit that is a 1, strong pullups will be used for the entire read/write cycle and
not only for two oscillator periods. If the XRAM is enabled at the SAB-C513A/A-H no external bus
cycle will be seen regardless of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com