Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C511 Datasheet(PDF) 32 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 32 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 28Page - Siemens Semiconductor Group C511 Datasheet HTML 29Page - Siemens Semiconductor Group C511 Datasheet HTML 30Page - Siemens Semiconductor Group C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group C511 Datasheet HTML 34Page - Siemens Semiconductor Group C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
System Reset
Semiconductor Group
5-1
5
System Reset
5.1
Hardware Reset
The hardware reset function built in the SAB-C511/513 microcontrollers allows for an easy
automatic start-up at a minimum of additional hardware and forces the controller to a predefined
default state. The hardware reset function can also be used during normal operation in order to
restart the device. This is particularly done when the power-down mode is to be terminated (see
power-down description chapter 8).
The reset input is an active high input. An internal Schmitt trigger is used at the input for noise
rejection. Since the reset is synchronized internally, the RESET pin must be held high for at least
two machine cycles (12 oscillator periods) while the oscillator is running. With the oscillator running
the internal reset is executed during the second machine cycle and is repeated every cycle until
RESET goes low again.
During RESET active, the pins ALE and PSEN are configured as inputs and should not be active
driven externally. An external stimulation at these lines during reset activates several test modes
which are reserved for test purposes. This in turn may cause unpredictable output operations at
several port pins.
At the RESET pin a pulldown resistor is internally connected to
V
SS to allow a power-up reset
operation with an external capacitor only. An automatic reset can be obtained when power supply
is applied by connecting the reset pin via an external capacitor to
V
CC. After the power supply has
been turned on, the capacitor must hold the voltage level at the reset pin for a specified time to effect
a complete reset.
A correct reset leaves the processor in a defined state. The program execution starts at location
0000H. After reset is internally accomplished the port latches of ports 0, 1, 2 and 3 default in FFH.
This leaves port 0 floating, since it is an open drain port when not used as data/address bus. All
other I/O port lines (ports 1, 2 and 3) output a one (1).
The contents of the internal RAM (conventional and XRAM) of the SAB-C511/513 is not affected by
a reset. After power-up the contents is undefined, while it remains unchanged during a reset if the
power supply is not turned off.
Note:
For the SAB-C513A-H (EEPROM version) the RESET signal has to be activated for at least 10 ms
if power is applied to the device. The reason for this is that the reference voltage generator of the
EEPROM device needs some time to come up from power-down state. In the power-on behaviour
there are no differences between the EEPROM and ROM versions.
This reset behaviour of the EEPROM version has to be taken into account for systems that also will
uses ROM versions of the SAB-C511/513 family and that use its software power down features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com