Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOC-3000I Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 36Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 37Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 38Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 39Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 40Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 41Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 42Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 43Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 32
July, 2002
Controller Registers
Keyboard controller interface includes a control register (one byte) and a data/status
register (two bytes).
The Keyboard controller registers are defined in Table 13.
TABLE 13: KEYBOARD CONTROLLER REGISTERS DESCRIPTION
FUNCTION
ADDRESS
BIT
REMARKS
Controller Clock Enable
C200H
2
1= Enable
0= Disable
Controller RESET
C400H
All
0xFF = Reset
Data Registers
F100H to F101H
All
Read only
Control Register
F100H
All
Write only
Registers Description
Control Register
The keyboard control register bit definitions, functions, and settings are displayed in
Table 14.
TABLE 14: KEYBOARD CONTROLLER CONTROL REGISTER BIT FUNCTIONS
ADDRESS
BIT
FUNCTION
SETTINGS
0-2
(bit 0 -LSB)
Anti-Bounce Timeout
000 = 4 ms
001 = 6 ms
010 = 8 ms
011 = 10 ms
100 = 12 ms
101 = 14 ms
110 = 16 ms
111 = 18 ms
3
Interrupt Enable/Disable
0 = Enable
1 = Disable (default)
F100H
4-7
Don’t Care
Don’t Care
Data Registers
Keyboard data is stored in two 8-bit registers.
The data register bit functions are shown in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com