Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOC-3000I Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 37Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 38Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 39Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 40Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 41Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 42Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 43Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 44Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 33
July, 2002
NOTE
When Control Register Address F101H, bit 7 is set to 1 (Released), key-code value bits 0
to 6 in address F101H are meaningless.
TABLE 15: KEYBOARD CONTROLLER DATA REGISTER BIT DEFINITIONS
BYTE # ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
1
F100H
X
X
X
X
X
X
X
Key Error
0 = Legal
1 = Error
2
F101H
Release Sign
0 = Pressed
1 = Released
D6
D5
D4
D3
D2
D1
D0
Operation
At power on, the keyboard controller is reset and the scanning rate is set to 10 µs.
Initialization:
To enable the keyboard controller:
1.
Enable the keyboard controller clock source in Clock Enable register C200H:
Set C200H, Bit 2 to 1.
2.
Reset the keyboard controller:
Write FF to register C400H.
3.
Set CFR address for keyboard controller function:
CFR addresses C10DH and C10EH = FF (Table 32, page 62).
This causes the following results:
•
Enables keyboard input pins (1 to 5 and 82 to 84) (Table 32; page 62; Table 1,
page 9; Table 2, page 12)
•
Enables keyboard output pins (74 to 81) (Table 32, Table 1, Table 2)
4.
Enable keyboard interrupt:
Set F100H, Bit 3 to 0.
5.
Set anti-bounce timeout:
Set F100H, Bits 0, 1 and 2, as shown in Table 14.
Normal Operation:
6.
Read keyboard key-code value bits, as follows:
•
Read register F100H, Bit 0:
If 0, key-code value is legal.
If 1, key-code value is illegal (Error).
•
Read key code from register F101H, bits 0 to 6:
When key pressed, values are valid.
•
Read F101H, bit 7:
If 0, key pressed and keyboard values (bits 0 to 6) are valid.
If 1, key released and keyboard values are meaningless.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com