Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOC-3000I Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 61Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 62Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 63Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 64Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 65Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 66Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 67Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 68Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 57
July, 2002
WATCHDOG TIMER
Functions
The purpose of the watchdog timer is to
generate a CPU reset at specified intervals. If
the SOC-3000 software does not interrupt the
watchdog cycle and instead enters an
erroneous state, the watchdog time carries out
its CPU reset one second after the software
was supposed to make its interrupt. The
erroneous state may be due to a programming
error. The watchdog may be disabled or re-
triggered via its control register.
Functional Description
The operating parameters of the watchdog
timer are presented in Table 29.
TABLE 29: WATCHDOG TIMER OPERATING PARAMETERS
PARAMETER
VALUE
Time Constant
1 second
Trigger
By the control register (WDI)
Enable/Disable
By the control register (ENWD)
Power Up Mode
Disabled
Operation
The application software controls the watchdog operation. It is automatically disabled in
the In-circuit Emulator (ICE) mode and after power-up or reset.
The application software should activate the watchdog as soon as it starts normal
operation after power-on or reset conditions.
The watchdog timer should be periodically re-triggered during normal operation, before
the timer expires. Expiration of the watchdog timer resets the CPU.
If required, disabling the watchdog timer clock input can disable the watchdog.
Table 30 describes the operation of the watchdog timer.
TABLE 30: WATCHDOG TIMER COMMAND SEQUENCE
#
COMMAND
ADDRESS
BIT
SETTING
1 Enable Watchdog
C200H
3
1= Enable
0= Disable
2 Re-trigger Timer
F800H
all
FFH
3 Disable Watchdog
C200H
3
0
Control Registers Description
Setting the Clock Enable register (C200H), bit 3 to 1 enables the watchdog timer.
Setting the Clock Enable register (C200H), bit 3 to 0 disables the watchdog timer.
Writing FFH to address F800H re-triggers the watchdog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com