Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOC-3000I Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 73Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 74Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 75Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 76Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 77Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 78Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 79Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 80Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 69
July, 2002
I/O OPERATION
I/O operation is determined by the configuration registers (CFR) programming. The I/O
ports are composed of two groups:
•
Byte-Oriented Output Ports –
Data written to the port is byte oriented (writing FFH to the port will set it to HIGH, and
writing 00H to the port will set it to LOW).
•
Bit-Oriented Input/Output (I/O) Ports –
Data written to the port is byte oriented (FFH–to set the port, 00H–to reset the port).
Data read from the port is bit-oriented (only the port allocated bit is set/reset).
Table 44, the I/O ports groups, addresses and corresponding PLCC-84 pins are described in
Table 37 and Table 38.
TABLE 37: BIT-ORIENTED I/O PORTS ADDRESSES, PIN AND BIT ASSIGNMENT
PLCC-84 PIN
I/O PORT NAME
PORT
ADDRESS
BIT
ASSIGNMENT
(LSB)
5
I.O 15.7
F22A
0 0 0 0 0 0 0 x
4
I.O 15.6
F22B
0 0 0 0 0 0 x 0
3
I.O 15.5
F22C
0 0 0 0 0 x 0 0
2
I.O 15.4
F22D
0 0 0 0 x 0 0 0
1
I.O 15.3
F22E
0 0 0 x 0 0 0 0
84
I.O 15.2
F22F
0 0 x 0 0 0 0 0
83
I.O 15.1
F230
0 x 0 0 0 0 0 0
82
I.O 15.0
F231
x 0 0 0 0 0 0 0
81
I.O 14.7
F232
0 0 0 0 0 0 0 x
80
I.O 14.6
F233
0 0 0 0 0 0 x 0
79
I.O 14.5
F234
0 0 0 0 0 x 0 0
78
I.O 14.4
F235
0 0 0 0 x 0 0 0
77
I.O 14.3
F236
0 0 0 x 0 0 0 0
76
I.O 14.2
F237
0 0 x 0 0 0 0 0
75
I.O 14.1
F238
0 x 0 0 0 0 0 0
74
I.O 14.0
F239
x 0 0 0 0 0 0 0
TABLE 38: BYTE-ORIENTED OUTPUT PORTS ADDRESSES AND PIN ASSIGNMENT
PLCC-84 PIN
I/O FUNCTION
PORT ADDRESS
61
OUT 13.3
F205
60
OUT 13.2
F206
59
OUT 13.1
F207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com