Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOC-3000I Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 85Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 86Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 87Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 88Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 89Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 90Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 91Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 92Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 81
July, 2002
Other interrupt sources may be connected to this input using open-collector drivers operating
in negative logic mode (‘0’ is active interrupt). A low voltage input triggers the INT0. The
application software applies a mechanism to determine whether the interrupt was generated
by low battery voltage or by other interrupt source.
Using Timer0 and Timer1 inputs:
SOC-3000 pin #14 is connected to the 80C51 Timer 0 input and pin #15 is connected to
Timer1 input.
These inputs may be used for counting or timer operations, or as additional interrupt inputs to
the device.
Using these inputs as interrupt inputs requires that the appropriate timer be set to 0xFE. The
next event causes the counter to increase to 0xFF and triggers the Timer 0 (or timer 1)
interrupt.
I2C-Compatible Interface
The SOC-3000 may supports a 2-wire I2C compatible serial interface. The I2C-compatible
interface shares its pins with the CPU I/O pins (P1.4, P1.5) and is implemented in software.
Table 40 provides the hardware interface information:
TABLE 40: I2C-COMPATIBLE INTERFACE HARDWARE INTERFACE
PIN#
NAME
DESCRIPTION
8
SDATA
Serial Data I/O pin
9
SCLOCK
Serial Clock pin
Power Saving Schemes
SOC-3000/i provides several means for power saving for battery-operated systems:
a.
Set the CPU to IDLE or POWERDOWN operating modes – see detailed description in
the M8051TBO Technical Specification, Power Management section.
b.
Disable unused hardware controllers – by disabling the controller clock via the
“Controllers Clock Enable Register (C200H)”, see tables 33 and 34.
c.
Reduce the CPU frequency to minimum while idle by using the Frequency Controller.
The CPU frequency may be increased on the fly to 16MHz when an interrupt or an event
occurred.
d.
Switch the power to the load cell using the I/O pins of the SOC and an external switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com