Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOC-3000I Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 69Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 70Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 71Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 72Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 73Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 74Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 75Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 76Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 65
July, 2002
SPECIAL FUNCTION REGISTERS (SFR)
The SOC-3000/i includes Special Function Registers (SFR) that enable the device hardware
controllers and reset them. Each controller description details its specific SFR operation.
This section details all the SFR registers and functions. All these registers are mapped as
XDATA memory area.
Global Configuration Register
Register 0C100H is used as a general enable/disable of pin allocation to all the hardware
controllers in the SOC-3000/i. Upon power-up or reset this register is cleared, disabling all
the hardware controllers. Writing 0xFF to the register activates the allocation of pins to
hardware controller, as defined by programming the CFR registers.
TABLE 33: GLOBAL CFR REGISTER
ADDRESS
FUNCTION
REMARKS
C100H
Enable / Disable pin allocation
0x00 – Enable
0xFF - Disable
Operation
1. Upon power-up or reset, the Global CFR register is set, disabling all pin allocation to the
hardware controllers.
2. Initialize the CFR registers according to the required hardware configuration as described in
section “



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com