Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3080 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 3Page - STMicroelectronics STLC3080 Datasheet HTML 4Page - STMicroelectronics STLC3080 Datasheet HTML 5Page - STMicroelectronics STLC3080 Datasheet HTML 6Page - STMicroelectronics STLC3080 Datasheet HTML 7Page - STMicroelectronics STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics STLC3080 Datasheet HTML 10Page - STMicroelectronics STLC3080 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
- High Impedance Feeding :
entered after a Power-On Reset or 1XX word, this
status is set during steady On/Hook condition;
most of the circuitry is idle and only a low power
Off-Hook detection circuit is kept alive.
Direct Polarity only is assumed , independently of
the selected one.
To minimise the power consumption the Off-Hook de-
tectioncircuit has low common mode current rejection.
-Standby
Notice that in Stand-By state the Off-Hook detec-
tor is sensitive only to the transversal component
of the line current with high immunity to common
mode disturbances; this performance implies an
increasing in power consumption: for that reason
Stand-By is not used as a quiescent state.
- Active state gets operative for conversation af-
ter
an Off-Hook validity check performed in
Stand-By state, set after any Off-Hook detected in
High Impedance Feeding.
If the Off-Hook condition is confirmed in Stand By,
Active mode is set ; if not (in case of spurious de-
tection), false activation is prevented, and High
Impedance Feeding is resumed.
In order to have the device falling back in HI-feed-
ing mode after the line is back in on-hook condi-
tion. It is necessary to select as input state the ac-
tive direct polarity mode (default).
During Active state On/Off-Hook status will af-
fect in real time DET signalling bit.
In order to allow Pulse-Mode Dialling, once Ac-
tive state is set, it cannot be changed by fast On-
Hook , but it is turned back to High Impedance
Feeding
only if an On-Hook condition
lasts
longer than 128 x CKRING period.
Automatic activation (and deactivation) is based
on an internal state-machine which is clocked by
a free running internal oscillator.
A detailed description is reported in the Appendix A.
DUAL BATTERY CONFIGURATION
STLC3080 is also meant for low power consump-
tion systems using Dual Battery solution. It is suf-
ficient to connect the collector of the external tran-
sistor, through a diode, to the reduced battery
(see Fig. 2 for single battery solution and Fig. 3
for dual battery solution). The activation of the
batteries is automatic, only depending on the DC
load at the RING and TIP terminals; no controllers
action is required.
PROTECTION CIRCUIT
- Suggested protection circuit is based on pro-
grammable Trisils (like LCP1511/2) as shown
in Fig.2 and Fig. 3, and the surge current is
limited by the resistors RPT2 and RPR2, which
are PTC types , protecting the device against
both lightning and power-cross.
- Additionally, STLC3080 is provided with the
PCD input to directly monitor overvoltages ap-
plied to the line wires.
When the current injected into PCD exceeds a
threshold of 320
µA (+/- 30%) , DET and GDK/AL
are set Low signalling a fault condition. No
change on the SLIC mode is performed.
Voltage threshold is defined by proper value of
the series resistors (see Fig.1)
This circuit gives the possibility to protect the de-
vice against power crosses through a relay in-
stead of PTCs; once the fault condition is de-
tected
the
controller
drives
this
relay
disconnecting the Slic from the line terminals.
METERING PULSE INJECTION
STLC3080 provides external pins and compo-
nents for Metering Pulse injection. TTXIN pin is
the input for the 12kHz or 16kHz Metering Pulse
injection. This pin also provides a DC constant
current source that is injected into the external
RDA resistor (typ. 10k
Ω to obtain 2.2Vrms on
200
Ω) connected between TTXIN pin and AGND.
The voltage drop across TIP and RING line ampli-
fiers and, consequentallythe AC swing available.
When Metering Pulse injection is not used and
voltage drop is not required, TTXIN must be
shorted to AGND and RTTX, RDA and CTTX ex-
ternal components must be removed. The TTX
cancellation is obtained through an external
RTTX and CTTX network connected between
TTXIN and CAC pins.
Fault detection
The device provides current sense on TIP and
RING wires that allow to detect longitudinal DC
current (ILL). When this ILL current becomes
higher than a threshold (see detectors table in-
side electrical characteristics) a fault indication is
provided on DET and GDK pin (both outputs be-
come low). The fault indication is active till the
fault cause persists. With this circuit the following
fault condition can be detected.
TIP
to VB1
TIP
to GND
RING to VB1
RING to GND
RING to TIP to VB1
VCC
R
R
TIP
RING
PCD
DET
GDK/AL
D98TL385
CSOUT
Ith
Figure 1.
STLC3080
7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com