Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3080 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 4Page - STMicroelectronics STLC3080 Datasheet HTML 5Page - STMicroelectronics STLC3080 Datasheet HTML 6Page - STMicroelectronics STLC3080 Datasheet HTML 7Page - STMicroelectronics STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics STLC3080 Datasheet HTML 10Page - STMicroelectronics STLC3080 Datasheet HTML 11Page - STMicroelectronics STLC3080 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
When a fault is detected the line current is limited
in order to avoid any damage on the device itself
and also on the external transistor.
MISCELLANEOUS
- Thermal overload: the integrated thermal pro-
tection is activated when Tj reaches 150
°C typ.;
the Slic is forced in Power-down mode, DET
and AL are set Low. The RELR relay driver is
turned off while it is still possible to control
REL0 and REL1 through R0 and R1 inputs.
-
One low cost external transistor allows to re-
duce the power dissipated in the SLIC itself al-
lowing the use of extreme small size package
(TQFP44). The external transistor size/package
can be selected depending on the max. power
requested by the particular application.
-
The SLIC supports loop start lines and gives
the possibility to set loop current indicator
threshold by means of one external resistor.
EXTERNAL COMPONENTS LIST
To set the SLIC into operation the following pa-
rameters have to be defined:
- The DC feeding resistance ”Rfeed” defined as
the resistance of the traditional feeding sys-
tem (most common Rfeed values are: 400,
800, 1000 ohm).
- The AC SLIC impedance at line terminals ”Zs”
to which the return loss measurements is re-
ferred. It can be real (typ. 600 ohm) or com-
plex.
- The equivalent AC impedance of the line ”Zl”
used for evaluation of the trans-hybrid loss
performance (2/4wire conversion). It can be a
complex impedance.
- The value of the two protection resistors Rp in
series with the line termination.
- The reverse polarity transition time defined as
”
∆VTR/∆T”.
- The constant current limit value ”Ilim”.
- Rth: sets the OFF/Hook DETection threshold
Once, the above parameters are defined, it is
possible to calculate all the external components
using the following table.
EXTERNAL COMPONENTS
Name
Function
Formula
Typical Value
CVCC
Positive Supply Filter
100nF
±20%
CVB
Battery Supply Filter
100nF
±20% 100V
RREF (*)
Internal current reference
programming resistor
IREF
=
1.16
RREF
30.1k
Ω ± 1%
CSVR
Battery ripple rejection capacitance
CSVR=
1
2
π
⋅ fp ⋅ 1.3MΩ
100nF
±10% 100V
@ fp = 1.22Hz
CRT
Ring Trip capacitance
see Appendix D
470nF
±20% 6V
@ 25Hz
RDC
DC sinthesized resistance
programming resistor
RDC = 5[Rfeed -2Rp]
RDC
≥ 1kΩ
1.5k
Ω ±1%
CAC
AC/DC splitter capacitance
CAC =
1
2
π ⋅ fsp ⋅ RDC
10
µF ±20% 15V
@ fsp = 10Hz
RS
Protection resistor image
RS =25
⋅ 2Rp
2.5k
Ω ±1%
ZAC
2 wire AC impedance
ZAC = 25[Zs - 2Rp]
12.5k
Ω ±1%
ZA
SLIC impedance balancing network
ZA = 25
⋅ Zs
15k
Ω ±1%
ZB
Line impedance balancing network
ZB = 25
⋅ Zl
15k
Ω ±1%
CCOMP
AC feedback compensation
capacitance
CCOMP
=
2
2
π ⋅ fo[100 ⋅ Rp]
220pF
±20%
@ fo = 250kHz
RR
Feeding resistance for Ring Injection
≥400Ω
600
Ω 2W
RS1
Sensing resistor for Ring Trip
1000
⋅ RR
600k
Ω ±1%
RS2
Sensing resistor for Ring Trip
1000
⋅ RR
600k
Ω ±1%
RT
Feeding resistance for Ring Injection
≥0Ω
0
Ω
QEXT
External transistor
(1)
BD140
RPT1
Line series resistor
≥20Ω
RPR1
Line series resistor
≥20Ω
20
Ω 1/4W ±1%
STLC3080
8/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com