Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3080 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 14Page - STMicroelectronics STLC3080 Datasheet HTML 15Page - STMicroelectronics STLC3080 Datasheet HTML 16Page - STMicroelectronics STLC3080 Datasheet HTML 17Page - STMicroelectronics STLC3080 Datasheet HTML 18Page - STMicroelectronics STLC3080 Datasheet HTML 19Page - STMicroelectronics STLC3080 Datasheet HTML 20Page - STMicroelectronics STLC3080 Datasheet HTML 21Page - STMicroelectronics STLC3080 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
APPENDIX C
STLC3080 Test Circuits referring to the applica-
tion diagram shown in figure 4 and using as exter-
nal components the typ. values specified in the
”External Components”, find below the proper
configuration for each measurement.
TIP
RING
TX
RX
Vl
Vrx
300
300
STLC 3080
G42 = 20log (Vl / Vrx )
test circuit
Figure C1. Receive Gain.
TIP
RING
TX
RX
Rp
Rp
VL
Vrx
300
300
STLC 3080
THL = 20log (Vrx /Vtx )
Vtx
test circuit
Figure C2. THL Trans Hybrid Loss.
TIP
RING
TX
RX
Vtx
STLC 3080
G24 = 20log (2Vtx / E )
600
test circuit
E
Figure C4. Transmit Gain.
TIP
RING
TX
RX
Rp
Vl
Vtl
Vrx
300
300
STLC 3080
T/L = 20log (Vl / Vtl )
test circuit
Figure C3. T/L Transversal to Longitudinal
Conversion
TIP
RING
TX
RX
STLC 3080
2WRL = 20log ( E / 2Vs )
E
Vs
600
1000
1000
test circuit
Figure C6. 2W Return Loss.
TIP
RING
TX
RX
Vac
300
300
STLC 3080
L/T = 20log ( E / Vac )
10uF
E
test circuit
Figure C5. L/T Longitudinal to transversal
Conversion.
STLC3080
18/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com