Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3080 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 5Page - STMicroelectronics STLC3080 Datasheet HTML 6Page - STMicroelectronics STLC3080 Datasheet HTML 7Page - STMicroelectronics STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics STLC3080 Datasheet HTML 10Page - STMicroelectronics STLC3080 Datasheet HTML 11Page - STMicroelectronics STLC3080 Datasheet HTML 12Page - STMicroelectronics STLC3080 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Name
Function
Formula
Typical Value
RLIM (*)
Current limiting setting resistor
RLIM
= 103 ⋅
1.16
ILIM
23.2k
Ω ÷ 58kΩ
51.1k
Ω ±1%
RTH (**)
OFF/HOOK DETection threshold
setting resistor.
RTH
= 200 ⋅
1.16
ITH
21.1k
Ω ÷ 77.3kΩ
26.1k
Ω ±1%
CREV
Polarity reversal transition time
programming
CREV
=
K
∆VTR
∆T
;K
=
1
3750
47nF for 5.67V/ms
RDA
OutputVolt ageDropAdjust ment
RDA
=
∆Drop ⋅ 20k
Ω
9.6
−∆Drop
10k
Ω (∆Drop = 3.2V) (2)
R1, R2
Power Cross Detection
240k
Ω
(3)
RTTX
Teletax Cancellation Resistor
RTTX = 12.5
⋅ [Re (ZLTTX)+2RP]
3.75k
Ω
CTTX
Teletax Cancellation Capacitor
CTTX =
1
(12.5 ⋅ Im (ZLTTX) ⋅ 2π ⋅ fTTX)
RPT2
Protection resistor
≥ 8Ω
RPR2
Protection resistor
≥ 8Ω
D1
Overvoltage protection
1N4448
D2
Dual Battery Operation
1N4448
CH
Trans-Hybrid Loss Frequency
Compensation
CH = CCOMP
220pF
±30%
Notes:
(1) Transistor characteristics: hFE
≥ 25, IC ≥ 100mA, VCEO ≥ 60V, fT ≥ 15MHz. PDISS depends on application, see Appendix.
For SMD application possible alternatives are MJD350 in D-PACK or BCP53 in SOT223
(2) Typical value needed for 2.2Vrms metering pulse level, if no metering RDA = 0
Ω.
(3) These resistors are needed to activate the power cross detection circuit, they should withstand the typical lighting voltage. If the power
cross detection is not needed R1, R2 can be avoided.
(*) RREF and RLIM should be connected close to the corresponding pins of STLC3080.
Avoid any digital line or high voltage swing line to pass close to IREF and RLIM pins. Eventually screen these pins with a GND track.
(**) Inside the formula the coefficient 1.16 must be changed to 1.20 if the selected value of Ith is lower than 5mA.
20
Ω 1/4W ±1%
EXTERNAL COMPONENTS (continued)
STLC3080
9/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com