Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3080 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 10Page - STMicroelectronics STLC3080 Datasheet HTML 11Page - STMicroelectronics STLC3080 Datasheet HTML 12Page - STMicroelectronics STLC3080 Datasheet HTML 13Page - STMicroelectronics STLC3080 Datasheet HTML 14Page - STMicroelectronics STLC3080 Datasheet HTML 15Page - STMicroelectronics STLC3080 Datasheet HTML 16Page - STMicroelectronics STLC3080 Datasheet HTML 17Page - STMicroelectronics STLC3080 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
The flow-chart in Fig.A1 describes the sequence
of state machine supervising the STLC3080 op-
eration when the control is set for Active mode,
D0 D1 D2= 1 X X.
The state machine is a synchronous sequential
circuit internally clocked by a free running oscilla-
tor ; the ringing frequency applied at the CKRING
input is used to generate the
long time delay
WTIME=128xCKRING necessary for proper op-
eration as further described.
External control is supposed to be set for Active
mode :
D0 D1 D2= 1 X X.
OH-HI : line status flag , set High when Off-Hook
condition is detected in High Impedance Feeding;
it differs from OHK because it’s sensitive to the
longitudinal current.
OHK: line status flag , set High when Off-Hook
condition is detected in Stand-By or in Active
mode; it differs from OH-HI for its immunity to lon-
gitudinal current .
DLY: time-out flag, it is set High to resume, with
a given delay, the High Impedance Feeding when
an On-Hook condition (OHK=Low) is detected in
Stand-By or Active state.
1) Note that in this section the word ”mode” has
been used to indicate the operating status set
with D0, D1 and D2 pin: the word ”state” has
been used to indicate an internal status of the
finite state machine.
Flow-chart Description
H) A Reset condition, generated at Power On or
setting RES pin Low,
forces a Power-Down
condition.
A) High Impedance Feeding is entered after the
Active mode word is set and its maintained un-
til
an Off-Hook condition is detected (OH-
HI=High) ; in this case Stand-By state entered.
B) Stand-By state is set
to perform a validity
check of the Off-Hook status of the line before
entering
Active
state.
If
it
is
confirmed
(OH=High),
immediately Active state is en-
tered.
If not , Stand-By state remains set for a time
period WTIME generated through a counter
that times out after 128 x CKRING ; DLY=High
signals the state machine the time out to re-
sume the High Impedance Feeding.
An OHK = High detected during WTIME will im-
mediately enter Active state.
C) Active state is set for conversation
and
DET=Low signals to the controller the Off-Hook
condition of the line.
The status remains set as long as OHK=High
(Off-Hook).
D) When OHK=Low is detected (On Hook), DET
is immediately set High whereas Active state is
maintained for the period WTIME; when it ex-
pires
DLY is set High and High Impedance
Feeding is resumed.
If, during WTIME, OHK=High is detected Off
Hook), the state is returned to C) , i.e. Active
with DET=Low.
E) Ringing mode is set when D0 = D1 = 0 and D2 = 1.
After ring trip detection the SLIC is automat-
ically set in Active state (reverse or normal po-
larity according to D2 value set before ringing
mode). Ring trip detection is indicated by DET
pin: when it happens the SW must remove the
ringing mode word (001) and set the Active
mode word (100).
F) On-Hook Tx mode is selected when D0 = 0,
D1 = 1 and D2 = X.
After Off Hook detection the SLIC is automat-
ically set in Active state.
APPENDIX A
STLC3080
14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com