Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3080 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC3080 Datasheet HTML 1Page - STMicroelectronics STLC3080 Datasheet HTML 2Page - STMicroelectronics STLC3080 Datasheet HTML 3Page - STMicroelectronics STLC3080 Datasheet HTML 4Page - STMicroelectronics STLC3080 Datasheet HTML 5Page - STMicroelectronics STLC3080 Datasheet HTML 6Page - STMicroelectronics STLC3080 Datasheet HTML 7Page - STMicroelectronics STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
STLC3080
SUBSCRIBER LINE INTERFACE CIRCUIT
PRELIMINARY DATA
MONOCHIP SLIC SUITABLE FOR PUBLIC
APPLICATIONS
IMPLEMENTES ALL KEY FEATURES OF
THE BORSHT FUNCTION
DUAL CONTROL MODE CONFIGURATION:
SLAVE MODE OR AUTOMATIC ACTIVATION
MODE.
SOFT BATTERY REVERSAL WITH PRO-
GRAMMABLE TRANSITION TIME
ON HOOK TRANSMISSION
LOOP START/GROUND START FEATURE
WITH PROGR. THRESHOLD
LOW POWER DISSIPATION IN ALL OPER-
ATING MODES
AUTOMATIC DUAL BATTERY OPERATION
INTEGRATED RING TRIP DETECTION WITH
AUTOMATIC
AND
SYNCRONISED
RING
DISCONNECTION
METERING PULSE INJECTION
SURFACE MOUNT PACKAGE
THREE RELAY DRIVERS FOR RING AND
TESTING
-40 TO +85
°C OPERATING RANGE
DESCRIPTION
The STLC3080 is a SLIC device suitable for a
wide range of applications: public (CO), transmis-
sion (DLC) and private (PABX). The SLIC pro-
vides the standard battery feeding with full pro-
grammability of the DC characteristic. In particular
two external resistors allow to set the limiting cur-
rent value (up to 50mA) and the value of the re-
sistive feeding when not in constant current re-
gion.
This is preliminary information on a new product now in development or undergoing evaluation.
December 1999
®
BGND
VREG
ILTF
D0
D1
D2
R0
R1
REL1
RS
ZAC
IREF
VCC
RING
D98TL305B
DET
GDK/AL
CSIN
CAC
AGND CREV CSVR
RELR
REL0
LOGIC
INTERFACE
&
DECODER
SUPERVISION
COMMANDS
LINE STATUS
ILT
LINE
INTERFACE
ILL
TIP
RT1 RT2
CRT
REFERENCE
&
BIAS SWITCHING
DC
PROCESSOR
+
AC+
DC
AC
DC
RLIM
RTH
ZB
TX
VDD
VBAT
BASE
RDC
AC
PROCESSOR
RGND
RX
ZAC1
CSOUT
TTXIN
PCD
RES
MODE
CKRING
BLOCK DIAGRAM
TQFP44 (10 x 10)
ORDERING NUMBER: STLC3080
1/23


Similar Part No. - STLC3080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3085 STMICROELECTRONICS-STLC3085 Datasheet
353Kb / 28P
Integrated Pots Interface for Home Access Gateway and WLL
15-Feb-2006
More results

Similar Description - STLC3080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM79574 AMD-AM79574 Datasheet
234Kb / 17P
Subscriber Line Interface Circuit
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com