Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3080 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 15Page - STMicroelectronics STLC3080 Datasheet HTML 16Page - STMicroelectronics STLC3080 Datasheet HTML 17Page - STMicroelectronics STLC3080 Datasheet HTML 18Page - STMicroelectronics STLC3080 Datasheet HTML 19Page - STMicroelectronics STLC3080 Datasheet HTML 20Page - STMicroelectronics STLC3080 Datasheet HTML 21Page - STMicroelectronics STLC3080 Datasheet HTML 22Page - STMicroelectronics STLC3080 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TIP
RING
TX
RX
Vtx
STL C 3080
V4wp = 20log (Vtx / 0.775V )
600
test circuit
Figure C7. Idle channel psophometric noise
at TX port.
TIP
R ING
TX
RX
Vtx
STLC 3080
V2wp = 20log (Vl / 0.775V )
600
Vl
test circuit
Figure C8. Idle channel psophometric noise
at line terminals.
TIP
RING
TX
RX
STLC 3080
PSRRB = 20log (VnVbat / Vl )
600
Vl
PSRRC = 20log (VnVcc / Vl )
Vbat/Vcc
Vn = 0.1Vrms
test circuit
Figure C9. PSRRC = Power Supply Rejection VCC to 2W Port
PSRRB = Power Supply Rejection VBAT to 2W Port
STLC3080
19/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com