Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3080 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 2Page - STMicroelectronics STLC3080 Datasheet HTML 3Page - STMicroelectronics STLC3080 Datasheet HTML 4Page - STMicroelectronics STLC3080 Datasheet HTML 5Page - STMicroelectronics STLC3080 Datasheet HTML 6Page - STMicroelectronics STLC3080 Datasheet HTML 7Page - STMicroelectronics STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics STLC3080 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
CONTROL INTERFACE
Automatic activation mode (MODE=High).
Inpu ts
Operating Mode
(Mode = High)
Outputs
R0
R1
D0
D1
D2
RES
DET
GDK/AL
X
X
0
0
0
1
Power Down
disable
disable
X
X
0
0
1
1
Ringing
Ring-Trip
disable
X
X
0
1
0
1
On-Hook Transmission
Reverse Polarity
Off-Hook
Fault
Fault
X
X
0
1
1
1
On-Hook Transmission
Direct Polarity
Off_Hook
Fault
Fault
X
X
1
0
0
1
Active Direct Polarity
(default)
Off_Hook
Fault
Fault
X
X
1
0
1
1
Active Direct Polarity
(default)
Off_Hook
Fault
Fault
X
X
1
1
0
1
Active Reverse Polarity
Off_Hook
Fault
Fault
X
X
1
1
1
1
Active Direct Polarity
(default)
Off_Hook
Fault
Fault
0/1
X
X
X
X
1
R0 = 0/1: Rel0 = off/on
(1)
(1)
X
0/1
X
X
X
1
R1 = 0/1: Rel1 = off/on
(1)
(1)
XXXX
X0
Power Down; Rel0/1 = off
disable
disable
DET: On/Off Hook Signalling ; together with GDK/AL it is set Low also in case of Thermal Alarm or Ground-Key.
GDK/AL : Thermal Alarm or Ground-Key Signalling
(1) : DET and GDK/AL signalling function is related to D0,D1,D2 and it doesn’t depend on R0 and R1 setting.
As in Slave mode the control is performed
through a parallel bus, with independent chip se-
lects, CSIN and CSOUT, for inputs and outputs.
In Automatic Activation, once Active mode is se-
lected the device automatically selects the proper
operating mode (Active, Stand By or H.I. feeding)
depending on the loop status in order to optimise
the power consumption.
In order to guarantee the proper behaviour of the
internal state machine the ”CKRING” signal must
be always applied, this signal in fact is used to gen-
erate the ”WTIME” delay (see Appendix) necessary
to properly perform automatic state change.
Power-Down
It’s an idle state characterised by a very low
power consumption; any functionality is disabled;
only
relays Rel0 and Rel1 can be
driven by
proper setting of bits R0 and R1.
It can be set during out of service periods just to
reduce the power consumption.
It is worth noticing that two other conditions can
set the Slic in idle state but with some differences
as reported in the table:
Idle State
Rel0/1 Drive
DET
GDK/AL
Power Down
Enable
Disable
Disable
Reset
Disable
Disable
Disable
Thermal
Alarm
Enable
Low
Low
Ringing
When Ringing mode is selected the STLC3080
activates the ringing relay injecting the ringing sig-
nal on the line.
As a Ring-Trip is detected the logic indicator DET
is set Low and the ringing relay is automatically
switched-off without waiting for the card control-
ler command (auto ring-trip).
DET remains latched Low
until the operative
mode is modified.
Ringing relay drive signal RELR must be synchro-
nised to a clock applied to CKRING input. This
clock is derived from the ringing signal with
proper time delay, according to the activation /
deactivation time of the relay.
RELR is activated on the low level of CKRING
clock. The duty cycle of CKRING can be modified
in order to activate the RELR when required:
CKRING low must last 1
µs minimum.
All the relay drivers are open-drain with the
source connected to RGND pin.
Each relay driver integrates a protection structure
to avoid external kick-back diodes using both 5V
or 12V relays.
The ring trip circuit and its behaviour is described
in Appendix D.
On-Hook Transmission.
Sets the Slic for conversation even though the line
is in On-Hook; it is required for On/Hook transmis-
sion purposes; Active mode cannot support a con-
versation when the line is in On-Hook as it automat-
ically turns in High Impedance Feeding.
Active.
The relevant feature of this setting is that when
Active Mode (D0D1D2=1XX) is set by the exter-
nal control , internally, the device is able to select
between three operative states according to the
status of the line:
STLC3080
6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com