Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3080 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 7Page - STMicroelectronics STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics STLC3080 Datasheet HTML 10Page - STMicroelectronics STLC3080 Datasheet HTML 11Page - STMicroelectronics STLC3080 Datasheet HTML 12Page - STMicroelectronics STLC3080 Datasheet HTML 13Page - STMicroelectronics STLC3080 Datasheet HTML 14Page - STMicroelectronics STLC3080 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ELECTRICAL CHARACTERISTICS (Test Condition, unless otherwise specified: VCC = 5V, VDD = 3.3V,
VB- = -48V, AGND = BGND = RGND, Tamb =25
°C).
Note: the limits below listed are guaranteed with the specified test condition and in the 0 to 70
°C tem-
perature range. Performances over -40 to +85
°C range are guaranteed by product characterisation.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
AC CHARACTERISTICS
Zil
Long. Impedance
each wire
40
Ω
Iil
Long. Current Capability AC
H.I. feeding per wire (ON-
HOOK)
5
mApk
STANDBY or ACTIVE per
wire (ON-HOOK)
13
mApk
ACTIVE per wire (OFF-
HOOK). IT = Transversal
Current
80 -IT
mApk
L/T
Long. to transv.
NP with nominal RP at 300Hz
60
dB
C5
NP with nominal RP at 1020Hz
60
dB
NP with nominal RP at 3040Hz
55
dB
T/L
Transv. to long
NP with nominal RP at 300Hz
37
dB
NP with nominal RP at 1020Hz
40
dB
NP with nominal RP at 3040Hz
40
dB
2wRL
2W return loss.
300 to 3400Hz
22
dB
C6
THL
trans-hybrid loss.
1020Hz; 20Log |VRX/VTX|
30
dB
C2
Ovl
2W overload level
ACTIVE MODE at line
terminals on ref. imped.
3.2
dBm
TXoff
TX output offset
-200
200
mV
G24
Transmit gain abs.
0dBm 1020Hz
-12.38
-12.02
dB
C4
G42
Receive gain abs.
0dBm 1020Hz
5.74
6.1
dB
C1
G24fq
tx gain variation vs.
frequency
rel. 1020Hz, 0dBm 300 to
3400Hz
-0.1
0.1
dB
G42fq
rx gain variation vs.
frequency
rel. 1020Hz, 0dBm 300 to
3400Hz
-0.1
0.1
dB
G24lv
Tx gain variation vs. level
f = 10120Hz, input level
from 3dBm to -40dBm
-0.1
0.1
dB
G42lv
Rx gain variation vs. level
-0.1
0.1
dB
V2wp
idle channel noise at line
terminals
psophometric, Active On
Hook
-82
-78
dBmp
C8
V4wp
idle channel noise at TX port
psophometric, Active On
Hook
-90
-84
dBmp
C7
Thd
total harm. dist. 2w-4w, 4w-
2w
0dBm, 1KHz Il = 20 to
45mA
-50
dB
GTTX
Transfer Gain
VTTX = 100mVRMS @ 16kHz
GTTX= 20Log
VL
VTTX
with RL = 200
Ω
14.5
dB
THD (TTX)
TTX Harmonic Distortion
2.2VRMS = on 200
Ω
3%
DC CHARACTERISTICS (TTX pin connected to ground)
Vlohi
Line voltage
Il = 0, H.I. feeding
47
47.4
47.8
V
Vlo
Line voltage
Il = 0, SBY/ACTIVE/ON-
HOOK
38.9
39.9
40.9
V
Ilims
Short circ. curr.
Rloop = 0, SBY
14
16
18
mA
Ilimb
Short circ. curr.
Rloop = 0, H.I. feeding
11
17
20
mA
Ilima
Lim. current accuracy
Rel to progr. val. 20 to 50mA
ACTIVE NP, RP
-10
10
%
VIREF
Bang up reference
1.08
1.16
1.24
V
Rfeed
Feed res. accuracy
ACTIVE NP, RP
-10
10
%
Rfeed H.I.
Feeding resistance
H.I. feeding
1100
2100
Ω
STLC3080
11/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com