Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4601 Datasheet HTML 3Page - STMicroelectronics TS4601 Datasheet HTML 4Page - STMicroelectronics TS4601 Datasheet HTML 5Page - STMicroelectronics TS4601 Datasheet HTML 6Page - STMicroelectronics TS4601 Datasheet HTML 7Page - STMicroelectronics TS4601 Datasheet HTML 8Page - STMicroelectronics TS4601 Datasheet HTML 9Page - STMicroelectronics TS4601 Datasheet HTML 10Page - STMicroelectronics TS4601 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TS4601
Electrical characteristics
7/28
PSRR
Power supply rejection ratio(2)
F = 217Hz, RL = 16Ω, G = 0dB
Vripple = 200mVpp, grounded inputs
F = 10kHz, RL = 16Ω, G = 0dB
Vripple = 200 mVpp, grounded inputs
100
107
70
dB
CMRR
Common mode rejection ratio
RL = 16Ω, F = 20Hz to 20 kHz, G = 0dB, Vic = 200 mVpp
65
dB
Crosstalk
Channel separation
RL = 16Ω, G = 0dB, F = 1kHz, Po = 40mW
RL = 10kΩ, G = 0dB, F = 1kHz, Vout = 1.6Vrms
60
80
82
84
dB
SNR
Signal to noise ratio, A-weighted, RL=16 Ω, Vout = 0.9Vrms
THD+N < 1%, F = 1kHz, G=+4 dB(3)
101
dB
ONoise
Output noise voltage, A-weighted(3)
G= +4dB
G=-19.5dB
-103
-100
dBV
G
Gain range with Gain(dB) = 20xlog[(VoutL/R)/(InL/R+ - InL/R-)]
-60
+4
dB
Mute
InL/R+ - InL/R- = 1Vrms
-80
dB
-
Gain step size
from -60dB to -36dB
from -36dB to -16.5dB
from -16.5dB to +4dB
3
1.5
0.5
dB
-
Step size error
-1
+1
stepsize
Gain error (G = +4dB)
-0.45
+0.42
dB
Zin
Left and right channel input impedance all gains setting
Single-ended inputs referenced to GND
Differential inputs
10
20
12
24
14.5
29
k
Ω
Zout
Output impedance in Mode 5 (negative supply is ON and
amplifier output stages are OFF)(3)
F < 40kHz
F = 6MHz
F = 36MHz
10
500
75
k
Ω
Ω
Ω
twu
Wake-up time
12
22
ms
tSTBY
Standby time
10
µs
1.
Guaranteed by design and parameter correlation.
2.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to VCC @ F = 217 Hz.
3.
Guaranteed by design and parameter correlation.
Table 6.
Electrical characteristics of the amplifier
from VCC=+2.9 V to VCC=+5.5 V, GND = 0 V, Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com