Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4601 Datasheet HTML 1Page - STMicroelectronics TS4601 Datasheet HTML 2Page - STMicroelectronics TS4601 Datasheet HTML 3Page - STMicroelectronics TS4601 Datasheet HTML 4Page - STMicroelectronics TS4601 Datasheet HTML 5Page - STMicroelectronics TS4601 Datasheet HTML 6Page - STMicroelectronics TS4601 Datasheet HTML 7Page - STMicroelectronics TS4601 Datasheet HTML 8Page - STMicroelectronics TS4601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TS4601
Absolute maximum ratings and operating conditions
3/28
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vin
Input voltage
In Master standby mode, and I²C1, 6 and 7
In I²C 2, 3, 4 and 5
0 to VCC
-2.4 to +2.4
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (2)
2.
The device is protected in case of over temperature by a thermal shutdown active @ 150° C.
200
°C/W
Pd
Power dissipation
Internally limited(3)
3.
Exceeding the power derating curves during a long period may provoke abnormal operation.
ESD
HBM - human body model(4)
4.
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
MM - machine model (min. value)(5)
5.
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
Latch-up
Latch-up immunity
200
mA
Lead temperature (soldering, 10sec)
260
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.9 to 5.5
V
RL
Load resistor
≥ 16
Ω
CL
Load capacitor
Serial resistor of 12
Ω minimum, RL ≥ 16Ω,
0.8 to 100
nF
Toper
Operating free air temperature range
-40 to +85
°C
Rthja
Flip-chip thermal resistance junction to ambient
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com