Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4601 Datasheet HTML 16Page - STMicroelectronics TS4601 Datasheet HTML 17Page - STMicroelectronics TS4601 Datasheet HTML 18Page - STMicroelectronics TS4601 Datasheet HTML 19Page - STMicroelectronics TS4601 Datasheet HTML 20Page - STMicroelectronics TS4601 Datasheet HTML 21Page - STMicroelectronics TS4601 Datasheet HTML 22Page - STMicroelectronics TS4601 Datasheet HTML 23Page - STMicroelectronics TS4601 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Application information
TS4601
20/28
Table 11.
Volume control register - CR2
Volume control range: -60 dB to +4 dB
D5
D4
D3
D2
D1
D0
Gain
(in dB)
D5
D4
D3
D2
D1
D0
Gain
(in dB)
000
000
Mute:
-80dB
1
000
00
-11.5dB
000
001
-60dB
1
000
01
-11dB
000
010
-57dB
1
000
10
-10.5dB
000
011
-54dB
1
000
11
-10dB
000
100
-51dB
1
001
00
-9.5dB
000
101
-48dB
1
001
01
-9dB
000
110
-45dB
1
001
10
-8.5dB
000
111
-42dB
1
001
11
-8dB
001
000
-39dB
1
010
00
-7.5dB
001
001
-36dB
1
010
01
-7dB
001
010
-34.5dB
1
010
10
-6.5dB
001
011
-33dB
1
010
11
-6dB
001
100
-31.5dB
1
011
00
-5.5dB
001
101
-30dB
1
011
01
-5dB
001
110
-28.5dB
1
011
10
-4.5dB
001
111
-27dB
1
011
11
-4dB
010
000
-25.5dB
1
100
00
-3.5dB
010
001
-24dB
1
100
01
-3dB
010
010
-22.5dB
1
100
10
-2.5dB
010
011
-21dB
1
100
11
-2dB
010
100
-19.5dB
1
101
00
-1.5dB
010
101
-18dB
1
101
01
-1dB
010
110
-16.5dB
1
101
10
-0.5dB
010
111
-16dB
1
101
11
0dB
011
000
-15.5dB
1
110
00
0.5dB
011
001
-15dB
1
110
01
1dB
011
010
-14.5dB
1
110
10
1.5dB
011
011
-14dB
1
110
11
2dB
011
100
-13.5dB
1
111
00
2.5dB
011
101
-13dB
1
111
01
3dB
011
110
-12.5dB
1
111
10
3.5dB
011
111
-12dB
1
111
11
4dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com