Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4601 Datasheet HTML 13Page - STMicroelectronics TS4601 Datasheet HTML 14Page - STMicroelectronics TS4601 Datasheet HTML 15Page - STMicroelectronics TS4601 Datasheet HTML 16Page - STMicroelectronics TS4601 Datasheet HTML 17Page - STMicroelectronics TS4601 Datasheet HTML 18Page - STMicroelectronics TS4601 Datasheet HTML 19Page - STMicroelectronics TS4601 Datasheet HTML 20Page - STMicroelectronics TS4601 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TS4601
Application information
17/28
4
Application information
4.1
Common-mode sense
The TS4601 implements a common-mode sense to correct the voltage differences that
might occur between the headphone jack return and the GND of the device, thus creating
parasitic noise in the headphone and/or line-out.
The solution to strongly reduce and practically eliminate this noise, is to connect the
headphone jack ground to the CMS of the device that is a common-mode sense pin. It will
sense the difference of potential (voltage noise) between the TS4601 ground and
headphone ground. Thanks to CMS frequency response (refer to Figure 46 on page 16),
this noise is removed from the TS4601 outputs. Figure 1: Typical application schematics for
the TS4601 illustrates this connection.
4.2
I²C bus interface
In compliance with the I²C protocol, the TS4601 uses a serial bus to control the chip’s
functions with two wires: Clock (SCL) and Data (SDA). The clock line and the data line are
bi-directional (open-collector) with an external chip pull-up resistor (typically 10 k
Ω). The
maximum clock frequency in fast-mode specified by the I²C standard is 400 kHz, which
TS4601 supports. In this application, the TS4601 is always the slave device and the
controlling microcontroller MCU is the master device.
The slave address of the TS4601 is 1100 000x (C0h).
An SDZ pin is available to shut down the circuit from a master MCU.
Table 7 summarizes the pin descriptions for the I²C bus interface.
4.2.1
I²C bus operation
The host MCU can write into the TS4601 control register to control the TS4601, and read
from the control register to get a configuration from the TS4601. The TS4601 is addressed
by the byte consisting of the 7-bit slave address and R/W bit.
There are five control registers (see Table 9) named CR0 to CR4. In read mode, all the
control registers can be accessed. In write mode, only CR1 and CR2 can be addressed.
Table 7.
I²C bus interface pin descriptions
Pin
Functional description
SDA
Serial data pin
SCL
Clock input pin
SDZ
Master standby of the TS4601
Table 8.
The first byte after the START message for addressing the device
A6
A5
A4
A3
A2
A1
A0
R/W
1
100
00
0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com