Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4601 Datasheet HTML 1Page - STMicroelectronics TS4601 Datasheet HTML 2Page - STMicroelectronics TS4601 Datasheet HTML 3Page - STMicroelectronics TS4601 Datasheet HTML 4Page - STMicroelectronics TS4601 Datasheet HTML 5Page - STMicroelectronics TS4601 Datasheet HTML 6Page - STMicroelectronics TS4601 Datasheet HTML 7Page - STMicroelectronics TS4601 Datasheet HTML 8Page - STMicroelectronics TS4601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Typical application schematics
TS4601
4/28
2
Typical application schematics
Figure 1.
Typical application schematics for the TS4601
Cs
1uF
C12
1uF
Css
2.2uF
Cs
1uF
Gnd
Gnd
Gnd
Gnd
Gnd
Rout
12 ohms min.
Cout
0.8nF min.
Gnd
Cin
2.2uF
Cin
2.2uF
Cin
2.2uF
Cin
2.2uF
Gnd
Gnd
Vcc
Vcc
+
-
+
-
I2C
Negative
Supply
Negative
Reg
Positive
Reg
PVcc
Gnd
C1
C2
SDA
SCL
Vcc
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
PVss
B4
B3
B2
B1
A4
A3
A2
A1
C4
C3
C2
C1
D4
D3
D2
D1
SDZ
TS4601
Rout
12 ohms min.
Cout
0.8nF min.
Gnd
I2C Bus
Master Standby Command
Negative Left Input
Negative Right Input
Positive Right Input
Positive Left Input
Headphone / Line Out
Table 3.
Pin description for the TS4601
Pin number
Pin name
Pin definition
C1
VCC
Analog supply voltage, connect to Vbattery.
A4
PVCC
Power supply voltage, connect to Vbattery.
A2
C1
Capacitor terminal for internal negative supply generator.
A1
C2
Capacitor terminal for internal negative supply generator.
B2
PVSS
Capacitor terminal for internal negative supply generator filtering.
D1
VOUTR
Right audio channel output signal.
B1
VOUTL
Left audio channel output signal.
A3
GND
Ground of the device.
C2
CMS
Common-mode sense, to be connected as close as possible to the ground of
headphone / line out plug.
B4
INL-
Left audio channel negative input signal.
B3
INL+
Left audio channel positive input signal.
D4
SDZ
Master standby of the circuit. When SDZ = 0, the device is also reset to initial
state. Up to VCC tolerant input.
C4
INR-
Right audio channel negative input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com