Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS4601 Datasheet HTML 4Page - STMicroelectronics TS4601 Datasheet HTML 5Page - STMicroelectronics TS4601 Datasheet HTML 6Page - STMicroelectronics TS4601 Datasheet HTML 7Page - STMicroelectronics TS4601 Datasheet HTML 8Page - STMicroelectronics TS4601 Datasheet HTML 9Page - STMicroelectronics TS4601 Datasheet HTML 10Page - STMicroelectronics TS4601 Datasheet HTML 11Page - STMicroelectronics TS4601 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical characteristics
TS4601
8/28
3.2
Electrical characteristic curves
Note:
When the label “RC network” is present in a curve, it means that a 12
Ω+ 1 nF low pass filter
connected on outputs is used (refer to Figure 1: Typical application schematics for the
TS4601 on page 4).
Current consumption vs. power supply voltage
see Figure 2
Standby current consumption vs. power supply voltage
see Figure 3 and Figure 4
Maximum output power vs. power supply voltage
see Figure 5
Maximum output power vs. power supply voltage
see Figure 6
Maximum output voltage vs. power supply voltage
see Figure 7
PSRR vs. frequency
see Figure 8 to Figure 12
PSRR vs. gain setting
see Figure 13
THD+N vs. output power
see Figure 14 to Figure 25
THD+N vs. output voltage
see Figure 26
THD+N vs. frequency
see Figure 27
THD+N vs. frequency
see Figure 28 to Figure 39
CMRR vs. frequency
see Figure 40 and Figure 41
Crosstalk vs. frequency
see Figure 42 to Figure 45
Common mode response vs. frequency
see Figure 46
THD+N vs. input voltage. Line in mode 5
see Figure 47
Input impedance vs. frequency. Line in mode 5
see Figure 48
Gain vs. frequency
see Figure 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com