Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4601 Datasheet HTML 20Page - STMicroelectronics TS4601 Datasheet HTML 21Page - STMicroelectronics TS4601 Datasheet HTML 22Page - STMicroelectronics TS4601 Datasheet HTML 23Page - STMicroelectronics TS4601 Datasheet HTML 24Page - STMicroelectronics TS4601 Datasheet HTML 25Page - STMicroelectronics TS4601 Datasheet HTML 26Page - STMicroelectronics TS4601 Datasheet HTML 27Page - STMicroelectronics TS4601 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Package information
TS4601
26/28
Figure 55.
Marking (top view)
Figure 56.
Flip-chip - 16 bumps
Figure 57.
Device orientation in the tape pocket
■
Logo: ST
■ Symbol for lead-free: E
■ Part number: 01
■ X digit: Assembly code
■
Date code: YWW
■
The dot marks pin A1
01X
YWW
E
01X
YWW
E
■
Die size: 2.1mm x 2.1mm ± 30µm
■
Die height (including bumps): 600µm
■
Bumps diameter: 315µm ±50µm
■
Bump diameter before reflew: 300µm
±10µm
■
Bump height: 250µm ±40µm
■
Die height: 350µm ±20µm
■
Pitch: 500µm ±50µm
■
Coplanarity: 60µm max
500µm
500µm
2100µm
2100µm
600µm
500µm
500µm
2100µm
2100µm
600µm
User direction of feed
8
Die size X + 70µm
4
All dimensions are in mm
A
1
A
1
User direction of feed
8
Die size X + 70µm
4
All dimensions are in mm
A
1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com