Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4601 Datasheet HTML 19Page - STMicroelectronics TS4601 Datasheet HTML 20Page - STMicroelectronics TS4601 Datasheet HTML 21Page - STMicroelectronics TS4601 Datasheet HTML 22Page - STMicroelectronics TS4601 Datasheet HTML 23Page - STMicroelectronics TS4601 Datasheet HTML 24Page - STMicroelectronics TS4601 Datasheet HTML 25Page - STMicroelectronics TS4601 Datasheet HTML 26Page - STMicroelectronics TS4601 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
TS4601
Application information
23/28
4.5
Low frequency response
Input coupling capacitors Cin (see Figure 1: Typical application schematics for the TS4601
on page 4) are mandatory for TS4601 operation. Cin with Zin (see Section 3.1: Electrical
characteristics tables on page 6) form a first order high pass filter and the -3 dB cut-off
frequency is:
Zin is the single-ended input impedance.
Because Zin is independent from the gain setting, determining the appropriate Cin is very
simple. However, the tolerance of Zin (refer to Section 3.1: Electrical characteristics tables
on page 6) must be taken into consideration for determining Cin.
Therefore, for a given Fc, the value of Cin is given by the following equation:
(With Cin in µF and Fc in Hz).
4.6
Low pass output filter
The TS4601 is designed to operate with a passive first order low pass filter (see Figure 1:
Typical application schematics for the TS4601 on page 4). This low pass filter is mandatory
to ensure stability of the TS4601.
Rout must have a value of 12 Ω minimum and Cout a value of 0.8 nF minimum up to 100 nF
maximum. Values of 12
Ω and 1 nF are a good start point for a design able to drive a classic
headphone (16
Ω, 32 Ω, 60 Ω) and the line-in of any Hi-fi system or sound card. The cut-off
frequency of this filter (12
Ω and 1 nF) is about 13 MHz and clearly above the audio band.
F
c
3dB
–
()
1
2
πZ
inCin
-----------------------
=
C
in·min
16
F
c
------
=
⎝⎠
⎛⎞ C
in
typ
13.3
F
c
-----------
=
⎝⎠
⎛⎞ C
in
max
11
F
c
------
=
⎝⎠
⎛⎞
≤≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com