Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4601 Datasheet HTML 6Page - STMicroelectronics TS4601 Datasheet HTML 7Page - STMicroelectronics TS4601 Datasheet HTML 8Page - STMicroelectronics TS4601 Datasheet HTML 9Page - STMicroelectronics TS4601 Datasheet HTML 10Page - STMicroelectronics TS4601 Datasheet HTML 11Page - STMicroelectronics TS4601 Datasheet HTML 12Page - STMicroelectronics TS4601 Datasheet HTML 13Page - STMicroelectronics TS4601 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical characteristics
TS4601
10/28
Figure 8.
PSRR vs. frequency
Figure 9.
PSRR vs. frequency
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20k
20
Vcc=5V
Vcc=3.6V
Vcc=2.9V
Vripple = 200mVpp
G = 4dB
Inputs = grounded
Left & Right
RL = 16
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20k
20
Vcc=5V
Vcc=3.6V
Vcc=2.9V
Vripple = 200mVpp
G = 4dB
Inputs = grounded
Left & Right
RL = RC network + 16
Ω
Tamb = 25
°C
Frequency (Hz)
Figure 10.
PSRR vs. frequency
Figure 11.
PSRR vs. frequency
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20k
20
Vcc=5V
Vcc=3.6V
Vcc=2.9V
Vripple = 200mVpp
G = 4dB
Inputs = grounded
Left & Right
RL = 32
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20k
20
Vcc=5V
Vcc=3.6V
Vcc=2.9V
Vripple = 200mVpp
G = 4dB
Inputs = grounded
Left & Right
RL = RC network + 32
Ω
Tamb = 25
°C
Frequency (Hz)
Figure 12.
PSRR vs. frequency
Figure 13.
PSRR vs. gain setting
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20k
20
Vcc=5V
Vcc=3.6V
Vcc=2.9V
Vripple = 200mVpp
G = 4dB
Inputs = grounded
Left & Right
RL = RC network + 10k
Ω
Tamb = 25
°C
Frequency (Hz)
-80
-60
-40
-20
0
-120
-100
-80
-60
-40
-20
0
Vripple = 200mVpp
F = 217Hz
RL
≥ 16Ω
Vcc = 2.9V to 5.5V
Ta = 25
°C
Left & Right
4
Gain setting (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com