Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675AS Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 9Page - STMicroelectronics PM6675AS Datasheet HTML 10Page - STMicroelectronics PM6675AS Datasheet HTML 11Page - STMicroelectronics PM6675AS Datasheet HTML 12Page - STMicroelectronics PM6675AS Datasheet HTML 13Page - STMicroelectronics PM6675AS Datasheet HTML 14Page - STMicroelectronics PM6675AS Datasheet HTML 15Page - STMicroelectronics PM6675AS Datasheet HTML 16Page - STMicroelectronics PM6675AS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
PM6675AS
Typical operating characteristics
13/48
6
Typical operating characteristics
Figure 4.
Efficiency vs output load
FSW = 330 kHz VOUT=1.5 V,
VIN = 24 V
Figure 5.
Switching frequency vs output
current, VOUT = 1.5 V, VIN = 24 V
Figure 6.
Switching frequency vs input
voltage, VOUT = 1.5 V, IVOUT = 2 A,
forced PWM mode
Figure 7.
VOUT load regulation, VIN = 24 V
Figure 8.
LOUT load regulation
LDOIN = VOUT, VOUT in forced
PWM mode
Figure 9.
VOUT = 1.5 V, VIN = 24 V,
IVOUT = 0 A, pulse-skip mode
VOUT - Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
Non Audible PS
SW Frequency VS VOUT Load
0
100
200
300
400
500
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
Non Audible PS
SW Frequency VS Input Voltage
250
350
450
550
414
24
34
Voltage [V]
VOUT - Load Regulation
1.500
1.505
1.510
1.515
1.520
1.525
1.530
1.535
1.540
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
Non Audible PS
LOUT - Load Regulation
1.020
1.030
1.040
1.050
1.060
1.070
1.080
1.090
-1.500
-1.000
-0.500
0.000
0.500
1.000
1.500
Current [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com