Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675AS Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 33Page - STMicroelectronics PM6675AS Datasheet HTML 34Page - STMicroelectronics PM6675AS Datasheet HTML 35Page - STMicroelectronics PM6675AS Datasheet HTML 36Page - STMicroelectronics PM6675AS Datasheet HTML 37Page - STMicroelectronics PM6675AS Datasheet HTML 38Page - STMicroelectronics PM6675AS Datasheet HTML 39Page - STMicroelectronics PM6675AS Datasheet HTML 40Page - STMicroelectronics PM6675AS Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
PM6675AS
Application information
37/48
In Pulse-Skip Mode, low inductance values produce a better efficiency versus load curve,
while higher values result in higher full-load efficiency because of the smaller current ripple.
8.1.2
Input capacitor selection
In a buck topology converter the current that flows through the input capacitor is pulsed and
with zero average value. The RMS input current can be calculated as follows:
Equation 34
Neglecting the second term, the equation 34 is reduced to:
Equation 35
The losses due to the input capacitor are thus maximized when the duty-cycle is 0.5:
Equation 36
The input capacitor should be selected with a RMS rated current higher than ICinRMS.
Tantalum capacitors are good in term of low ESR and small size, but they occasionally can
burn out if subjected to very high current during operation. Multi-Layers-Ceramic-Capacitors
(MLCC) have usually a higher RMS current rating with smaller size and they remain the best
choice. The drawback is their quite high cost.
It must be taken in account that MLCC capacitance decreases when the operating voltage is
near the rated voltage. In table 12 some MLCC suitable for most of applications are listed.
Table 12.
Evaluated MLCC for input filtering
Manufacturer
Series
Capacitance
(µF)
Rated voltage
(V)
Maximum Irms
@100 kHz (A)
TAIYO YUDEN
UMK325BJ106KM-T
10
50
2
TAIYO YUDEN
GMK316F106ZL-T
10
35
2.2
TAIYO YUDEN
GMK325F106ZH-T
10
35
2.2
TAIYO YUDEN
GMK325BJ106KN
10
35
2.5
TDK
C3225X5R1E106M
10
25
2
L
2
LOAD
RMS
Cin
)
I
(
D
12
1
)
D
1
(
D
I
I
+
=
)
D
1
(
D
I
I
LOAD
RMS
Cin
=
2
LOAD
Cin
2
CinRMS
Cin
loss
(max))
I
5
.
0
(
ESR
(max)
I
ESR
P
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com