Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675AS Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 28Page - STMicroelectronics PM6675AS Datasheet HTML 29Page - STMicroelectronics PM6675AS Datasheet HTML 30Page - STMicroelectronics PM6675AS Datasheet HTML 31Page - STMicroelectronics PM6675AS Datasheet HTML 32Page - STMicroelectronics PM6675AS Datasheet HTML 33Page - STMicroelectronics PM6675AS Datasheet HTML 34Page - STMicroelectronics PM6675AS Datasheet HTML 35Page - STMicroelectronics PM6675AS Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Device description
PM6675AS
32/48
Figure 34.
LDO output voltage selection
A compensation capacitor Cc must be added to adjust the dynamic response of the loop.
The value of Cc is calculated according to the desired bandwidth of the LDO regulator and
depends on the value of the feedback resistors. In most of applications the pole due to the
compensation capacitor is placed at 100-200 kHz (equation 24).
Equation 24
The LIN input can be connected to the switching section output for compact solutions or to a
lower supply, if available in the system, in order to reduce the power dissipation of the LDO.
A minimum output capacitance of 20
µF (2x10 µF MLCC capacitors) is enough to assure
stability and fast load transient response.
7.2.1
LDO section current limit
The LDO regulator can handle up to ±2 Apk, depending on the LDO input voltage and the
LILIM pin setting. The output current is limited to ±1 A or ±2 A if the LILIM pin is connected
to SGND or AVCC respectively (Figure 35).
Figure 35.
LDO current limit setting
The maximum current that the LDO can source depends also on the input and output
voltages. Due to the high side MOSFET of the output stage, the LDO cannot source the limit
current at high output voltages. Figure 36 shows the maximum current that the LDO can
source as function of the input and output voltages. For output voltages higher than 2 V, the
maximum output current is limited as reported.
PM6675AS
LFB
LOUT
R19
R20
VLOUT
LGND
Cc
COUT
kHz
200
C
)
20
R
19
R
(
2
1
f
C
p
=
π
=
PM6675AS
LILIM
+5V
±2A CL
±1A CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com