Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675AS Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 24Page - STMicroelectronics PM6675AS Datasheet HTML 25Page - STMicroelectronics PM6675AS Datasheet HTML 26Page - STMicroelectronics PM6675AS Datasheet HTML 27Page - STMicroelectronics PM6675AS Datasheet HTML 28Page - STMicroelectronics PM6675AS Datasheet HTML 29Page - STMicroelectronics PM6675AS Datasheet HTML 30Page - STMicroelectronics PM6675AS Datasheet HTML 31Page - STMicroelectronics PM6675AS Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Device description
PM6675AS
28/48
7.1.6
POR, UVLO and soft-start
The PM6675AS automatically performs an internal startup sequence during the rising
phase of the analog supply of the device (AVCC). The switching controller remains in a
stand-by state until AVCC crosses the upper UVLO threshold (4.25 V typ.), keeping active
the internal discharge MOSFETs (only if AVCC > 1 V).
The soft-start allows a gradual increase of the internal current limit threshold during startup
reducing the input/output surge currents. At the beginning of start-up, the PM6675AS
current limit is set to 25 % of nominal value and the under voltage protection is disabled.
Then, the current limit threshold is sequentially brought to 100 % in four steps of
approximately 750
µs (figure 13).
Figure 31.
Soft-start waveforms
After a fixed 3 ms total time, the soft-start finishes and UVP is released: if the output voltage
doesn't reach the
under voltage lower threshold within soft-start duration, the UVP condition
is detected; the device performs a soft end and latches off. Depending on the load
conditions, the inductor current may or may not reach the nominal value of the current limit
(Figure 32 on page 29 shows two examples).
SWEN
Current limit threshold
Switching output
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com