Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675AS Datasheet(PDF) 39 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 35Page - STMicroelectronics PM6675AS Datasheet HTML 36Page - STMicroelectronics PM6675AS Datasheet HTML 37Page - STMicroelectronics PM6675AS Datasheet HTML 38Page - STMicroelectronics PM6675AS Datasheet HTML 39Page - STMicroelectronics PM6675AS Datasheet HTML 40Page - STMicroelectronics PM6675AS Datasheet HTML 41Page - STMicroelectronics PM6675AS Datasheet HTML 42Page - STMicroelectronics PM6675AS Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
PM6675AS
Application information
39/48
In Table 13 some tested polymer capacitors are listed.
8.1.4
MOSFETs selection
In SMPS converters, power management efficiency is a high level requirement, so the
power dissipation on the power switches becomes an important factor in switches selection.
Losses of high-side and low-side MOSFETs depend on their working condition.
Considering the high-side MOSFET, the power dissipation is calculated as:
Equation 40
Maximum conduction losses are approximately given by:
Equation 41
where RDSon is the MOSFET drain-source on-resistance.
Switching losses are approximately given by:
Equation 42
where tON and tOFF are the turn-on and turn-off times of the MOSFET and depend on the
gate-driver current capability and the gate charge Qgate. A greater efficiency is achieved with
low RDSon. Unfortunately low RDSon MOSFETs have a great gate charge.
As general rule, the RDSon
. Q
gate product should be minimized to find out the suitable
MOSFET.
Logic-level MOSFETs are recommended, as long as low-side and high-side gate drivers are
powered by VVCC = +5 V. The breakdown voltage of the MOSFETs (VBRDSS) must be
greater than the maximum input voltage VINmax.
Below some tested high-side MOSFETs are listed.
Table 13.
Evaluated output capacitors
Manufacturer
Series
Capacitance
(µF)
Rated voltage
(V)
ESR max
@100kHz (m
Ω)
SANYO
4TPE220MF
220
4 V
15 to 25
4TPE150MI
150
4 V
18
4TPC220M
220
4 V
40
HITACHI
TNCB OE227MTRYF
220
2.5 V
25
switching
conduction
DHighSide
P
P
P
+
=
2
MAX
,
LOAD
min
.
IN
OUT
DSon
conduction
I
V
V
R
P
=
2
f
t
)
2
I
(max)
I
(
V
2
f
t
)
2
I
(max)
I
(
V
P
sw
off
L
LOAD
IN
sw
on
L
LOAD
IN
switching
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com